データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2937ES-3.3 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM2937ES-3.3
部品情報  LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2937ES-3.3 データシート(HTML) 4 Page - Texas Instruments

  LM2937ES-3.3 Datasheet HTML 1Page - Texas Instruments LM2937ES-3.3 Datasheet HTML 2Page - Texas Instruments LM2937ES-3.3 Datasheet HTML 3Page - Texas Instruments LM2937ES-3.3 Datasheet HTML 4Page - Texas Instruments LM2937ES-3.3 Datasheet HTML 5Page - Texas Instruments LM2937ES-3.3 Datasheet HTML 6Page - Texas Instruments LM2937ES-3.3 Datasheet HTML 7Page - Texas Instruments LM2937ES-3.3 Datasheet HTML 8Page - Texas Instruments LM2937ES-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LM2937-2.5, LM2937-3.3
SNVS015E – FEBRUARY 1998 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
Output Voltage vs Temperature (2.5V)
Output Voltage vs Temperature (3.3V)
Figure 5.
Figure 6.
Quiescent Current vs Output Current (2.5V)
Quiescent Current vs Output Current (3.3V)
Figure 7.
Figure 8.
Quiescent Current vs Input Voltage (2.5V)
Quiescent Current vs Input Voltage (3.3V)
Figure 9.
Figure 10.
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM2937-2.5 LM2937-3.3


同様の部品番号 - LM2937ES-3.3

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2937ES-3.3 NSC-LM2937ES-3.3 Datasheet
293Kb / 10P
   400mA and 500mA Voltage Regulators
logo
Texas Instruments
LM2937ES-3.3 TI1-LM2937ES-3.3 Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
LM2937ES-3.3/NOPB TI1-LM2937ES-3.3/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
More results

同様の説明 - LM2937ES-3.3

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2937ES-3.3 TI1-LM2937ES-3.3 Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
LM2937-2.5 TI-LM2937-2.5_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2937 2.5-V and 3.3-V 400-mA and 500-mA Voltage Regulators
logo
National Semiconductor ...
LM2937-25 NSC-LM2937-25 Datasheet
293Kb / 10P
   400mA and 500mA Voltage Regulators
LM2937-2.5 NSC-LM2937-2.5 Datasheet
309Kb / 10P
   400mA and 500mA Voltage Regulators
logo
Texas Instruments
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
logo
Zetex Semiconductors
ZMR ZETEX-ZMR_07 Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR ZETEX-ZMR_08 Datasheet
252Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
logo
Diodes Incorporated
ZMR DIODES-ZMR Datasheet
187Kb / 7P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
ZMR250 DIODES-ZMR250 Datasheet
107Kb / 11P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
LND4808 ETC1-LND4808 Datasheet
119Kb / 4P
   400mA Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com