データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4040AIM3-10.0 データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM4040AIM3-10.0
部品情報  LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040AIM3-10.0 データシート(HTML) 2 Page - Texas Instruments

  LM4040AIM3-10.0 Datasheet HTML 1Page - Texas Instruments LM4040AIM3-10.0 Datasheet HTML 2Page - Texas Instruments LM4040AIM3-10.0 Datasheet HTML 3Page - Texas Instruments LM4040AIM3-10.0 Datasheet HTML 4Page - Texas Instruments LM4040AIM3-10.0 Datasheet HTML 5Page - Texas Instruments LM4040AIM3-10.0 Datasheet HTML 6Page - Texas Instruments LM4040AIM3-10.0 Datasheet HTML 7Page - Texas Instruments LM4040AIM3-10.0 Datasheet HTML 8Page - Texas Instruments LM4040AIM3-10.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
1
2
3
N/C*
-
+
5
N/C
4
N/C
LM4040-N, LM4040Q-N
SNOS633H – OCTOBER 2000 – REVISED APRIL 2013
www.ti.com
Connection Diagrams
*This pin must be left floating or connected
to pin 2.
*This pin must be left floating or connected
to pin 1.
Figure 1. SOT-23 (Top View)
Figure 2. TO-92 (Bottom View)
Figure 3. SC70 (Top View)
See Package Number DBZ
See Package Number LP
See Package Number DCK
(JEDEC Registration TO-236AB)
SOT-23 AND SC70 Package Marking Information
Only three fields of marking are possible on the SOT-23's and SC70's small surface. This table gives the
meaning of the three fields.
First Field:
R = Reference
Second Field: Voltage Option
J = 2.048V Voltage Option
2 = 2.500V Voltage Option
K = 3.000V Voltage Option
4 = 4.096V Voltage Option
5 = 5.000V Voltage Option
8 = 8.192V Voltage Option
0 = 10.000V Voltage Option
Third Field: Initial Reverse Breakdown Voltage or Reference Voltage Tolerance
A = ±0.1%
B = ±0.2%
C = +0.5%
D = ±1.0%
E = ±2.0%
Part Marking
Field Definition
RJA (SOT-23 only)
Reference, 2.048V, ±0.1%
R2A (SOT-23 only)
Reference, 2.500V, ±0.1%
RKA (SOT-23 only
Reference, 3.000V, ±0.1%
R4A (SOT-23 only)
Reference, 4.096V, ±0.1%
R5A (SOT-23 only)
Reference, 5.000V, ±0.1%
R8A (SOT-23 only)
Reference, 8.192V, ±0.1%
R0A (SOT-23 only)
Reference, 10.000V, ±0.1%
RJB
Reference, 2.048V, ±0.2%
R2B
Reference, 2.500V, ±0.2%
RKB
Reference, 3.000V, ±0.2%
R4B
Reference, 4.096V, ±0.2%
R5B
Reference, 5.000V, ±0.2%
R8B (SOT-23 only)
Reference, 8.192V, ±0.2%
R0B (SOT-23 only)
Reference, 10.000V, ±0.2%
RJC
Reference, 2.048V, ±0.5%
R2C
Reference, 2.500V, ±0.5%
RKC
Reference, 3.000V, ±0.5%
R4C
Reference, 4.096V, ±0.5%
R5C
Reference, 5.000V, ±0.5%
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM4040-N LM4040Q-N


同様の部品番号 - LM4040AIM3-10.0

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4040AIM3-10.0 NSC-LM4040AIM3-10.0 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
LM4040AIM3-10.0 NSC-LM4040AIM3-10.0 Datasheet
745Kb / 31P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040AIM3-10.0 TI1-LM4040AIM3-10.0 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIM3-10.0 TI1-LM4040AIM3-10.0 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040AIM3-10.0 TI1-LM4040AIM3-10.0 Datasheet
1Mb / 67P
[Old version datasheet]   LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
More results

同様の説明 - LM4040AIM3-10.0

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4040-N TI1-LM4040-N_13 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIZ-4.1 TI-LM4040AIZ-4.1 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_16 Datasheet
1Mb / 67P
[Old version datasheet]   LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3X-25 TI-LM4050AIM3X-25 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI-LM4041-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI1-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com