データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM20134MH データシート(PDF) 7 Page - Texas Instruments

部品番号 LM20134MH
部品情報  LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input Synchronization
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM20134MH データシート(HTML) 7 Page - Texas Instruments

Back Button LM20134MH Datasheet HTML 3Page - Texas Instruments LM20134MH Datasheet HTML 4Page - Texas Instruments LM20134MH Datasheet HTML 5Page - Texas Instruments LM20134MH Datasheet HTML 6Page - Texas Instruments LM20134MH Datasheet HTML 7Page - Texas Instruments LM20134MH Datasheet HTML 8Page - Texas Instruments LM20134MH Datasheet HTML 9Page - Texas Instruments LM20134MH Datasheet HTML 10Page - Texas Instruments LM20134MH Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
LM20134, LM20134Q
www.ti.com
SNVS527G – OCTOBER 2007 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: CIN = COUT = 100 µF, L = 1.0 µH (Coilcraft MSS1038), VIN = 5V, VOUT = 1.2V, RLOAD = 1.2Ω, fSW =
1 MHz, TA = 25°C for efficiency curves, loop gain plots and waveforms, and TJ = 25°C for all others.
Quiescent Current vs.
Temperature (Not Switching)
Shutdown Current vs. VIN
Figure 13.
Figure 14.
Enable Threshold
UVLO Threshold
vs. Temperature
vs. Temperature
Figure 15.
Figure 16.
Peak Current Limit
vs. Temperature
Peak Current Limit vs. VOUT
Figure 17.
Figure 18.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM20134 LM20134Q


同様の部品番号 - LM20134MH

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM20134MH NSC-LM20134MH Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20134MH NSC-LM20134MH Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20134MH TI-LM20134MH Datasheet
1Mb / 31P
[Old version datasheet]   LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input
logo
National Semiconductor ...
LM20134MHE NSC-LM20134MHE Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20134MHE NSC-LM20134MHE Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
More results

同様の説明 - LM20134MH

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM20134MHE TI-LM20134MHE Datasheet
1Mb / 31P
[Old version datasheet]   LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input
LM20133 TI-LM20133_15 Datasheet
1Mb / 29P
[Old version datasheet]   3A, PowerWise Synchronous Buck Regulator with Input Synchronization
logo
National Semiconductor ...
LM20134 NSC-LM20134 Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20134 NSC-LM20134_08 Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20144 TI-LM20144_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A PowerWise Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20144QMHX TI1-LM20144QMHX Datasheet
1Mb / 30P
[Old version datasheet]   LM20144/LM20144Q 4A, PowerWise Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20133 NSC-LM20133_08 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20133 NSC-LM20133 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20136 TI-LM20136_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM20136 6A, Synchronous Buck Regulator with Input Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com