データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC2965 データシート(PDF) 5 Page - Texas Instruments

部品番号 UC2965
部品情報  Precision Reference with Low Offset Error Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC2965 データシート(HTML) 5 Page - Texas Instruments

  UC2965 Datasheet HTML 1Page - Texas Instruments UC2965 Datasheet HTML 2Page - Texas Instruments UC2965 Datasheet HTML 3Page - Texas Instruments UC2965 Datasheet HTML 4Page - Texas Instruments UC2965 Datasheet HTML 5Page - Texas Instruments UC2965 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
UC2965D
OBSOLETE
SOIC
D
8
TBD
Call TI
Call TI
UC2965DTR
OBSOLETE
SOIC
D
8
TBD
Call TI
Call TI
UC3965D
OBSOLETE
SOIC
D
8
TBD
Call TI
Call TI
UC3965DTR
OBSOLETE
SOIC
D
8
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
18-Sep-2008
Addendum-Page 1


同様の部品番号 - UC2965

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC2965 TI-UC2965 Datasheet
55Kb / 4P
[Old version datasheet]   Precision Reference with Low Offset Error Amplifier
More results

同様の説明 - UC2965

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1965 TI-UC1965 Datasheet
55Kb / 4P
[Old version datasheet]   Precision Reference with Low Offset Error Amplifier
AMC1200 TI1-AMC1200 Datasheet
488Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier Low Offset Error: 1.5 mV max
logo
Burr-Brown (TI)
INA125 BURR-BROWN-INA125 Datasheet
273Kb / 13P
   INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
logo
Texas Instruments
INA125 TI1-INA125 Datasheet
410Kb / 18P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
INA125-DIE TI1-INA125-DIE Datasheet
119Kb / 4P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER WITH PRECISION VOLTAGE REFERENCE
logo
Vishay Siliconix
SIP11203 VISHAY-SIP11203_V01 Datasheet
396Kb / 18P
   Synchronous Rectifier Driver with Power Up/Down Control, Output OVP, Error Amplifier and Precision Reference
01-Jan-2022
SIP11203 VISHAY-SIP11203 Datasheet
386Kb / 18P
   Synchronous Rectifier Driver with Power Up/Down Control, Output OVP, Error Amplifier and Precision Reference
Rev. C, 16-May-11
logo
Analog Devices
AD208 AD-AD208_1 Datasheet
8Mb / 16P
   High Precision, Low Offset, mV Input Isolation Amplifier
AD208 AD-AD208_15 Datasheet
8Mb / 16P
   HIGH PRECISION LOW OFFSET MV INPUT ISOLATION AMPLIFIER
AD208 AD-AD208 Datasheet
872Kb / 15P
   High Precision, Low Offset, mV Input Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com