データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMR14006YDDCT データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMR14006YDDCT
部品情報  SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMR14006YDDCT データシート(HTML) 2 Page - Texas Instruments

  LMR14006YDDCT Datasheet HTML 1Page - Texas Instruments LMR14006YDDCT Datasheet HTML 2Page - Texas Instruments LMR14006YDDCT Datasheet HTML 3Page - Texas Instruments LMR14006YDDCT Datasheet HTML 4Page - Texas Instruments LMR14006YDDCT Datasheet HTML 5Page - Texas Instruments LMR14006YDDCT Datasheet HTML 6Page - Texas Instruments LMR14006YDDCT Datasheet HTML 7Page - Texas Instruments LMR14006YDDCT Datasheet HTML 8Page - Texas Instruments LMR14006YDDCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LMR14003, LMR14006
SNVSA10 – NOVEMBER 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
Description
Value
Unit
VIN, /SHDN
Unregulated inputs
-0.3 to 45
V
FB
Sense voltage for error amplifiers
-0.3 to 7
V
SW
Switch point for buck converter
-0.3 to 40
V
-2V for 30ns
BOOT
Bootstrap capacitor voltage
-0.3 to 46
V
ESD
Electrostatic Discharge HBM
2
kV
TS
Storage Temperature Range
-55 to 165
°C
TJ
Junction temperature range
-40 to 150
°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For guaranteed specifications and test conditions, see ELECTRICAL
CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS
(1)
Function
Terminal
Value
Unit
Buck Regulator
VIN
4 to 40
V
CB
4 to 46
V
SW
-1 to 40
V
FB
0 to 5.5
V
Control
/SHDN
0 to 40
V
Temperature
Operating junction temperature
-40 to 125
°C
range, TJ
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For guaranteed specifications and test conditions, see ELECTRICAL
CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
VIN = /SHDN = 12V, TA = 25°C, unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
VIN (Input Power Supply)
Operating input voltage
4
40
V
Shutdown supply current
EN = 0V
1
3
µA
Undervoltage lockout thresholds
Rising threshold
4
V
Falling threshold
3
Device on : not switching
Sleep mode, no load, VIN = 12V
28
µA
Device on : not switching
Fixed 5V version, VIN = 12V, 25°C
31
µA
/SHDN AND UVLO
Rising /SHDN Threshold Voltage
1.05
1.25
1.38
V
Input current
/SHDN = 2.3V
–4.2
µA
/SHDN = 0.9V
–1
Hysteresis current
–3
µA
HIGH-SIDE MOSFET
On-resistance
VIN = 12V, CB to SW=5.8V
600
m
tON-min
fsw = 2.1MHz
95
ns
DMAX : Maximum duty cycle
LMR14003/6 X
96
%
LMR14003/6 Y
97
VFB : Feedback voltage
0.747
0.765
0.782
V
CURRENT LIMIT
Current limit threshold
VIN = 12V, TJ = 25°C(LMR14003)
600
900
mA
VIN = 12V, TJ = 25°C(LMR14006)
1200
1700
mA
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMR14003 LMR14006


同様の部品番号 - LMR14006YDDCT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR14006YDDCT TI1-LMR14006YDDCT Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
More results

同様の説明 - LMR14006YDDCT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR14003 TI1-LMR14003 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14006 TI-LMR14006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR14006 SIMPLE SWITCHER짰 40 V 600 mA Buck Regulator With High Efficiency Sleep Mode
LMR16006 TI-LMR16006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO Mode
LMR16006Y-Q1 TI-LMR16006Y-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR16006 TI1-LMR16006 Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
logo
Lowpower Semiconductor ...
LP78081 POWER-LP78081 Datasheet
385Kb / 8P
   600mA High Efficiency Synchronous Buck with 350mA LDO
logo
National Semiconductor ...
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com