データシートサーチシステム |
|
CA0508KRY5V8BN473 データシート(PDF) 7 Page - YAGEO Corporation |
|
CA0508KRY5V8BN473 データシート(HTML) 7 Page - YAGEO Corporation |
7 / 17 page www.yageo.com Feb 05, 2010 V.1 Surface-Mount Ceramic Multilayer Capacitors 7 17 Product specification 4C-Array NP0/X7R/Y5V 16 V to 50 V CAPACITANCE RANGE & THICKNESS FOR 4C-ARRAY Table 4 Temperature characteristic material from Y5V CAPACITANCE 0612 (4 x 0603) Last 2-digit of 12NC 25 V 10 nF 36 22 nF 41 47 nF 45 100 nF 49 0.6±0.1 NOTE Values in shaded cells indicate thickness class in mm Table 5 THICKNESS CLASSES AND PACKING QUANTITY Ø180 MM / 7 INCH SIZE CODE THICKNESS CLASSIFICATION TAPE WIDTH QUANTITY PER REEL Paper 0508 0.6 ±0.1 mm 8 mm 4,000 0612 0.8 ±0.1 mm 8 mm 4,000 |
同様の部品番号 - CA0508KRY5V8BN473 |
|
同様の説明 - CA0508KRY5V8BN473 |