データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA79LXXA データシート(PDF) 7 Page - Boca Semiconductor Corporation

部品番号 KA79LXXA
部品情報  3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOCA [Boca Semiconductor Corporation]
ホームページ  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation

KA79LXXA データシート(HTML) 7 Page - Boca Semiconductor Corporation

Back Button KA79LXXA Datasheet HTML 3Page - Boca Semiconductor Corporation KA79LXXA Datasheet HTML 4Page - Boca Semiconductor Corporation KA79LXXA Datasheet HTML 5Page - Boca Semiconductor Corporation KA79LXXA Datasheet HTML 6Page - Boca Semiconductor Corporation KA79LXXA Datasheet HTML 7Page - Boca Semiconductor Corporation KA79LXXA Datasheet HTML 8Page - Boca Semiconductor Corporation KA79LXXA Datasheet HTML 9Page - Boca Semiconductor Corporation KA79LXXA Datasheet HTML 10Page - Boca Semiconductor Corporation KA79LXXA Datasheet HTML 11Page - Boca Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
KA79LXXA
7
Electrical Characteristics(KA79L24A)
(VI = -33V, IO = 40mA, CI = 0.33
µF, CO = 0.1µF, 0°C ≤TJ ≤ +125°C, unless otherwise specified)
Note
1. Load and line regulation are specified at constant junction temperature. Change in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ = +25
°C
-23
-24
-25
V
Line Regulation (Note1)
∆VO
TJ = +25
°C
-27V
≥ VI ≥ -38V
-
-
350
mV
-28V
≥ VI ≥ -38V
-
-
300
mV
Load Regulation (Note1)
∆VO
TJ = +25
°C
1.0mA
≤ IO ≤100mA
-
-
200
mV
1.0mA
≤ IO ≤ 40mA
-
-
100
mV
Output Voltage
VO
-27V
≥ VI ≥ -38V, 1.0mA ≤ IO ≤ 40mA -22.8
-
-25.2
V
VI = -33V, 1.0mA
≤ IO ≤ 70mA
-22.8
-
-25.2
V
Quiescent Current
IQ
TJ = +25
°C-
-
6.5
mA
TJ = +125
°C-
-
6.0
Quiescent Current
Change
with line
∆IQ
-28V
≥ VI ≥ -38V
-
-
1.5
mA
with load
∆IQ
1.0mA
≤ IO ≤ 40mA
-
-
0.1
mA
Output Noise Voltage
VN
TA = +25
°C,10Hz ≤ f ≤100KHz
-
200
-
µV
Ripple Rejection
RR
f = 120Hz, -29V
≥ VI ≥ -35V
TJ = +25
°C
31
47
-
dB
Dropout Voltage
VD
TJ = +25
°C-
1.7
-
V


同様の部品番号 - KA79LXXA

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
KA79LXXA FAIRCHILD-KA79LXXA_02 Datasheet
82Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
KA79LXXA FAIRCHILD-KA79LXXA_07 Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
More results

同様の説明 - KA79LXXA

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_02 Datasheet
82Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_11 Datasheet
223Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
79LXX UTC-79LXX_15 Datasheet
250Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79LXXA FAIRCHILD-MC79LXXA Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_10 Datasheet
224Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
79LXX ETL-79LXX Datasheet
222Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_07 Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
MC79LXXA FAIRCHILD-MC79LXXA_10 Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM79LXX HTC-LM79LXX Datasheet
235Kb / 10P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_17 Datasheet
205Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com