データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMA6822MPLF2452 データシート(PDF) 1 Page - Allegro MicroSystems

部品番号 SMA6822MPLF2452
部品情報  SMA6820MP High Voltage 3-Phase Motor Drivers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SMA6822MPLF2452 データシート(HTML) 1 Page - Allegro MicroSystems

  SMA6822MPLF2452 Datasheet HTML 1Page - Allegro MicroSystems SMA6822MPLF2452 Datasheet HTML 2Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Your Electronic Engineering Resource 
 
SMA6820MP High Voltage 3-Phase Motor Drivers
General Description:
The SMA6820MP inverter power module (IPM) series provides a
robust,
highly-integrated
solution
for
optimally
controlling
3-phase motor power inverter systems variable speed control
systems used in energy-conserving designs to drive motors of
residential and commercial appliances. These ICs take 230 VAC
input voltage, and up to 2.5 A (continuous) output current. They
can withstand voltages of up to 500 V (MOSFET breakdown
voltage).
The SMA6820MP power package includes an IC with all of the necessary power elements (six MOSFETs)
and pre-driver ICs (two) needed to configure the main circuit of an inverter. This enables the main circuit of
the inverter to be configured with fewer external components than traditional designs.
Key Features:
Built-in pre-drive IC and 3 bootstrap
diodes as a high-side
drive power supply
CMOS compatible input (3.3 to 5 V)
High-side gate driver using bootstrap
circuit or floating
power supply
One pin for 7.5 V regulator output
Built-in protection circuit for controlling
power supply
voltage drop
Built-in overheat detection circuit (TD)
Output of fault signal during operation
of protection circuit
Output current 1.5, 2, or 2.5 A
Small SIP (SMA 24-pin)
Legal Disclaimer: The content of the pages of this website is for your general information and use only. It is subject to change without notice. From time to time, this website may
also include links to other websites. These links are provided for your convenience to provide further information. They do not signify that we endorse the website(s). We have no
responsibility for the content of the linked website(s). Your use of any information or materials on this website is entirely at your own risk, for which we shall not be liable. It shall
be your own responsibility to ensure that any products, services or information available through this website meet your specific requirements.


同様の部品番号 - SMA6822MPLF2452

メーカー部品番号データシート部品情報
logo
Sanken electric
SMA6822MP SANKEN-SMA6822MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
More results

同様の説明 - SMA6822MPLF2452

メーカー部品番号データシート部品情報
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
   High Voltage 3-Phase Motor Drivers
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6860MZ SANKEN-SMA6860MZ Datasheet
249Kb / 19P
   High Voltage 3-Phase Motor Drivers
SLA6820M SANKEN-SLA6820M Datasheet
309Kb / 14P
   High Voltage 3-Phase Motor Drivers
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SX68000M ALLEGRO-SX68000M Datasheet
515Kb / 15P
   High Voltage 3-Phase Motor Drivers
SLA6870MZ ALLEGRO-SLA6870MZ Datasheet
371Kb / 19P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com