データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC807 データシート(PDF) 1 Page - KODENSHI_AUK CORP.

部品番号 BC807
部品情報  High current application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KODENSHI [KODENSHI_AUK CORP.]
ホームページ  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

BC807 データシート(HTML) 1 Page - KODENSHI_AUK CORP.

  BC807 Datasheet HTML 1Page - KODENSHI_AUK CORP. BC807 Datasheet HTML 2Page - KODENSHI_AUK CORP. BC807 Datasheet HTML 3Page - KODENSHI_AUK CORP. BC807 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-T5C023-000
1
BC807
PNP Silicon Transistor
PIN Connection
SOT-23
Descriptions
• High current application
• Switching application
Features
• Suitable for AF-Driver stage and
low power output stages
• Complementary Pair with BC817
Ordering Information
Type NO.
Marking
Package Code0
BC807
LA □ □
① ②
SOT-23
Device Code ② hFE Rank ③ Year&Week Code
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
-50
V
Collector-Emitter voltage
VCEO
-35
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-800
mA
Collector dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Emitter
breakdown
voltage
BVCEO
IC=-1mA, IB=0
-35
-
-
V
Base-Emitter turn on voltage
VBE(ON)
VCE=-1V, IC=-300mA
-
-
-1.2
V
Collector-Emitter saturation voltage
VCE(sat)
IC=-500mA, IB=-50mA
-
-
-700
mV
Collector cut-off current
ICBO
VCB=-25V, IE=0
-
-
-100
nA
DC current gain
hFE
*
VCE=-1V, IC=-100mA
100
-
630
-
Transition frequency
fT
VCB=-5V, IE=10mA
f=100MHz
-
100
-
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
16
-
pF
* : hFE rank / 16(A):100 ~ 250, 25(B):160 ~ 400, 40(C):250 ~ 630
B
E
C


同様の部品番号 - BC807

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BC807 PHILIPS-BC807 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 08
logo
GUANGDONG HOTTECH INDUS...
BC807 HOTTECH-BC807 Datasheet
193Kb / 2P
   Plastic-Encapsulate Transistors
logo
Diotec Semiconductor
BC807 DIOTEC-BC807 Datasheet
175Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Jinan Jing Heng Electro...
BC807 JINGHENG-BC807 Datasheet
1Mb / 5P
   PNP Plastic-Encapsulate Transistors
logo
KEC(Korea Electronics)
BC807 KEC-BC807 Datasheet
41Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

同様の説明 - BC807

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
BC808 KODENSHI-BC808 Datasheet
265Kb / 4P
   High current application
SBC338 KODENSHI-SBC338 Datasheet
197Kb / 4P
   High current application
BC807F KODENSHI-BC807F Datasheet
274Kb / 4P
   High current application
BC808F KODENSHI-BC808F Datasheet
274Kb / 4P
   High current application
BC817 KODENSHI-BC817 Datasheet
260Kb / 4P
   High current application
BC818 KODENSHI-BC818 Datasheet
260Kb / 4P
   High current application
BC818F KODENSHI-BC818F Datasheet
272Kb / 4P
   High current application
BC817F KODENSHI-BC817F Datasheet
239Kb / 4P
   High current application
SBC328 KODENSHI-SBC328 Datasheet
90Kb / 3P
   High current application
BC817 KODENSHI-BC817 Datasheet
260Kb / 4P
   High current application
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com