データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-60300-017 データシート(PDF) 2 Page - Bel Fuse Inc.

部品番号 SS-60300-017
部品情報  CAT6a PCB Mounted Jacks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BEL [Bel Fuse Inc.]
ホームページ  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SS-60300-017 データシート(HTML) 2 Page - Bel Fuse Inc.

  SS-60300-017 Datasheet HTML 1Page - Bel Fuse Inc. SS-60300-017 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT6aJacks
Bel Stewart Connector GmbH
Industriestrasse 20
61381 Friedrichsdorf
Germany
Tel 49-6172-9552-0
www.belstewart.com
Bel Stewart Connector
11118 Susquehanna Trail South
Glen Rock, PA 17327
Tel 717-235-7512
Fax 717-235-4675
www.belstewart.com
©2008 Bel Stewart Connector Specifications subject to change without notice. 10.08
CAT6a Jack Application Performance Data
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
1
10
100
1000
Frequency (MHz)
Low Plug
High Plug
CAT6a Limit
Mated NEXT
Pair 45-12
-100
-90
-80
-70
-60
-50
-40
-30
-20
1
10
100
1000
Frequency (MHz)
Low Plug
High Plug
CAT6a Limit
Relaxed CAT6a Limit
Mated NEXT
Pair 45-36
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
1
10
100
1000
Frequency (MHz)
Low Plug
High Plug
CAT6a Limit
Mated NEXT
Pair 45-78
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
1
10
100
1000
Frequency (MHz)
Low Plug
High Plug
CAT6a Limit
Mated NEXT
Pair 12-36
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
1
10
100
1000
Frequency (MHz)
Low Plug
High Plug
CAT6a Limit
Mated NEXT
Pair 12-78
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
1
10
100
1000
Frequency (MHz)
Low Plug
High Plug
CAT6a Limit
Mated NEXT
Pair 36-78
45 degree, 90 degree, and 180 degree designs
available in shielded and unshielded versions.


同様の部品番号 - SS-60300-017

メーカー部品番号データシート部品情報
logo
Bel Fuse Inc.
SS-60300-010 BEL-SS-60300-010 Datasheet
23Kb / 1P
   Derek Imschweiler, Product Manager
SS-60300-011 BEL-SS-60300-011 Datasheet
243Kb / 1P
   2.5G, 5G and 10G Solutions
More results

同様の説明 - SS-60300-017

メーカー部品番号データシート部品情報
logo
Yamaichi Electronics Co...
EDS04RJ45-2X1-8X8-T9S YAMAICHI-EDS04RJ45-2X1-8X8-T9S Datasheet
142Kb / 1P
   Modular Jacks (PCB Edge-Mounted, Shielded)
logo
Tyco Electronics
5557570-1 MACOM-5557570-1 Datasheet
86Kb / 1P
   PCB MOUNTED JACKS SINGLE PORT,MULTI PORT AND STACKED
logo
List of Unclassifed Man...
ORD9702 ETC-ORD9702 Datasheet
111Kb / 2P
   PCB MOUNTED LEDS
logo
Adam Technologies, Inc.
DJ-005-S5 ADAM-TECH-DJ-005-S5 Datasheet
102Kb / 1P
   DIN JACKS RIGHT ANGLE PCB MOUNT
logo
EHAOAN.
2424PT-6B EHAOAN-2424PT-6B Datasheet
1Mb / 7P
   PCB Mounted Infrared Sensor
logo
Bedford Opto Technology...
ORD9702XY BOT-ORD9702XY Datasheet
34Kb / 2P
   3mm PCB MOUNTED LEDS
logo
List of Unclassifed Man...
D3016 ETC2-D3016 Datasheet
156Kb / 4P
   12VA PCB MOUNTED TRANSFORMER
MS4515 ETC2-MS4515 Datasheet
250Kb / 13P
   PCB Mounted Pressure Transducers
MS4525 ETC2-MS4525 Datasheet
535Kb / 13P
   PCB Mounted Pressure Transducers
logo
TE Connectivity Ltd
MS4515 TEC-MS4515 Datasheet
414Kb / 15P
   PCB Mounted Pressure Transducers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com