データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC1220E データシート(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
部品番号 DAC1220E
部品情報  20-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC1220E データシート(HTML) 6 Page - Burr-Brown (TI)

Back Button DAC1220E Datasheet HTML 2Page - Burr-Brown (TI) DAC1220E Datasheet HTML 3Page - Burr-Brown (TI) DAC1220E Datasheet HTML 4Page - Burr-Brown (TI) DAC1220E Datasheet HTML 5Page - Burr-Brown (TI) DAC1220E Datasheet HTML 6Page - Burr-Brown (TI) DAC1220E Datasheet HTML 7Page - Burr-Brown (TI) DAC1220E Datasheet HTML 8Page - Burr-Brown (TI) DAC1220E Datasheet HTML 9Page - Burr-Brown (TI) DAC1220E Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
®
DAC1220
Self-Calibration
A self-calibration is performed after the bits “01” have been
written to the Command Register Operation Mode bits
(MD1 through MD0) and a “1” has been written to the
Command Register sample-and-hold bit (SH). This initiates
a self-calibration on the next clock cycle. The offset correc-
tion code is determined by a repeated sequence of auto-
zeroing the calibration comparator to the offset reference
and then comparing the DAC output to the offset reference
value. The end result is then averaged, Offset Two’s Comple-
ment adjusted, and placed in the OCR. The gain correction
is done in a similar fashion except the correction is done
against VREF to eliminate common-mode errors. The FCR
result represents the gain code and is not Offset Two’s
Complement adjusted.
The calibration function takes between 300ms and 500ms to
complete (for fXIN = 2.5MHz). Once calibration is initiated,
further writing of register bits is disabled until calibration
completes. The status of calibration can be verified by
reading the status of the Command Register Operation Mode
bits (MD1 through MD0). These bits will return to normal
mode “00” when calibration is complete.
Self-calibration can be done with the output isolated or
connected. This is done by setting (output connected) or
clearing (output isolated) the CALPIN bit in the CMR
register.
Output Mode
The DAC1220 can operate in either 16-bit mode or 20-bit
mode. The mode is determined by setting (20-bit) or clearing
(16-bit) the RES bit in the CMR register.
The output of the DAC1220 can be synchronously reset. By
setting the CLR bit in the CMR, the data input register is
cleared to zero. This will result in an output of 0V when
DF = 1 or VREF when DF = 0, assuming no calibration errors.
The settling time is determined by the DISF, RES, and
ADPT bits of the command register. The default state of
DISF = 0 and ADPT = 0 enables fast settling, unless the
output step is small (
≈ 40mV). However, the DAC1220 can
be forced to always use fast settling if the ADPT bit is
set to 1. If DISF is set to 1, all fast settling is disabled.
The SH bit of the CMR register determines if C2 is internally
connected to VREF. By clearing the SH bit, C2 is discon-
nected from VREF.
The CRST bit of the CMR register can be used to reset the
offset and calibration registers. By setting the CRST bit, the
contents of the calibration register are reset to 0.
REFERENCE INPUT
The reference input voltage of 2.5V can be directly con-
nected to VREF.
The recommended reference circuit for the DAC1220 is
shown in Figure 2.
FIGURE 2. Recommended External Voltage Reference Circuit for Best Low Noise Operation with the DAC1220.
+
OPA336
2
7
3
1
6
4
+5V
+5V
100k
REF1004-2.5
10k
0.10
µF
10
µF
0.1
µF
+
10
µF
0.10
µF
To V
REF Pin
100


同様の部品番号 - DAC1220E

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC1220E TI1-DAC1220E Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220E TI-DAC1220E Datasheet
658Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220E/2K5 TI1-DAC1220E/2K5 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220E/2K5G4 TI1-DAC1220E/2K5G4 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220EG4 TI1-DAC1220EG4 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
More results

同様の説明 - DAC1220E

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC1220 TI1-DAC1220 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220E TI-DAC1220E Datasheet
658Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
   20-Bit, Digital-to-Analog Converter
logo
Texas Instruments
ADS1254-EP TI1-ADS1254-EP Datasheet
537Kb / 26P
[Old version datasheet]   24-Bit, 20-kHz, LOW POWER ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3395 APITECH-MN3395 Datasheet
707Kb / 5P
   20-Bit, Deglitched Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC1221 BURR-BROWN-DAC1221 Datasheet
125Kb / 14P
   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1_15 Datasheet
967Kb / 27P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com