データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC4815AP データシート(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
部品番号 DAC4815AP
部品情報  Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC4815AP データシート(HTML) 8 Page - Burr-Brown (TI)

Back Button DAC4815AP Datasheet HTML 2Page - Burr-Brown (TI) DAC4815AP Datasheet HTML 3Page - Burr-Brown (TI) DAC4815AP Datasheet HTML 4Page - Burr-Brown (TI) DAC4815AP Datasheet HTML 5Page - Burr-Brown (TI) DAC4815AP Datasheet HTML 6Page - Burr-Brown (TI) DAC4815AP Datasheet HTML 7Page - Burr-Brown (TI) DAC4815AP Datasheet HTML 8Page - Burr-Brown (TI) DAC4815AP Datasheet HTML 9Page - Burr-Brown (TI) DAC4815AP Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
®
DAC4815
D11
(MSB)
D10
D9
D0
(LSB)
AGND
I
RR
R
2R
2R
2R
2R
2R
R
OUT
V
REF
R
FB
DIGITAL-TO-ANALOG GLITCH
Ideally, the DAC output would make a clean step change in
response to an input code change. In reality, glitches occur
during the transition. See Typical Performance Curves.
DIGITAL CROSSTALK
Digital crosstalk is the glitch impulse measured at the output
of one DAC due to a full scale transition on the other
DAC—see Typical Performance Curves. It is dominated by
digital coupling. Also, the integrated area of the glitch pulse
is specified in nV–s. See table of electrical specifications.
DIGITAL FEEDTHROUGH
Digital feedthrough is the noise at a DAC output due to
activity on the digital inputs—see Typical Performance
Curves.
OPERATION
Depending on the address selected, the 4 MSBs or the 8
LSBs are written into the appropriate input register for each
DAC when the WR signal is brought low. The data are
latched in the input register when the WR goes high. Data
are then transferred from the input registers to the DAC latch
registers by bringing LE low. The data are latched in the
DAC latch registers when LE goes high. All DACs are
updated simultaneously.
When CLR is brought low, the input registers are cleared to
000HEX while the DAC registers = 800HEX. If LE is brought
low after CLR the DACs are updated with 000
HEX resulting
in –10V (bipolar) or OV (unipolar) on the output.
CIRCUIT DESCRIPTION
Each of the four DACs in the DAC4815 consists of a CMOS
logic section, a CMOS DAC cell, and an output amplifier.
One buried-zener +10.0V reference and a –10V reference
are shared by all DACs.
Figure 1 is a simplified circuit for a DAC cell. An R, 2R
ladder network is driven by a voltage reference at V
REF.
Current from the ladder is switched either to IOUT or AGND
by 12 single-pole double-throw CMOS switches. This main-
tains constant current in each leg of the ladder regardless of
digital input code. This makes the resistance at V
REF con-
stant (it can be driven by either a voltage or current refer-
ence). The reference can be either positive or negative
polarity with a range of up to
±10V.
CMOS switches included in series with the ladder terminat-
ing resistor and the feedback resistor, RFB, compensate for
the temperature drift of the ladder switch ON resistance.
The output op amps are connected as transimpedance ampli-
fiers to convert the DAC-cell output current into an output
voltage. They have been specially designed and compen-
sated for precision and fast settling in this application.
POWER SUPPLY CONNECTIONS
The DAC4815 is specified for operation with power sup-
plies of VL = +5V and VS = either ±12V or ±15V. Even with
the V
S supplies at ±11.4V the DACs can swing a full ±10V.
Power supply decoupling capacitors (1
µF tantalum) should
be located close to the DAC power supply connections.
Separate digital and analog ground pins are provided to
permit separate current returns. They should be connected
together at one point. Proper layout of the two current
returns will prevent digital logic switching currents from
degrading the analog output signal. The analog ground
current is code dependent so the impedance to the system
reference ground must be kept to a minimum. Connect
DACs as shown in Figure 2 or use a ground plane to keep
ground impedance less than 0.1
Ω for less than 0.1LSB error.
±10V OUTPUT RANGE CONNECTION
For a
±10V bipolar output connect the DAC4815 as shown
in Figure 3.
CONNECTION TO DIGITAL BUS
DAC4815s can easily be connected to a
µprocessor bus.
Decode your address lines to derive the control signals
shown in Figure 4. Only one LATCH signal is required for
a system where all DAC4815s are updated simultaneously.
If your want to update DAC4815s independently, use sepa-
rate LATCH signals. The LATCH and WRITE signals can
be brought low simultaneously to update the DAC registers
with the same processor instruction that writes the final 8-bit
data word the DAC input registers.
FIGURE 1. Simplified Circuit Diagram of DAC Cell.


同様の部品番号 - DAC4815AP

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4813AP BURR-BROWN-DAC4813AP Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4813JP BURR-BROWN-DAC4813JP Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC4814AP BURR-BROWN-DAC4814AP Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
More results

同様の説明 - DAC4815AP

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC2815 BURR-BROWN-DAC2815 Datasheet
224Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 8-Bit Port Interface
DAC2813 BURR-BROWN-DAC2813 Datasheet
116Kb / 9P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
logo
Texas Instruments
DAC7573 TI1-DAC7573_16 Datasheet
1Mb / 35P
[Old version datasheet]   QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7624 TI1-DAC7624_15 Datasheet
670Kb / 16P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7624 BURR-BROWN-DAC7624 Datasheet
311Kb / 11P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7724 TI1-DAC7724_14 Datasheet
1Mb / 21P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
DAC7724 BURR-BROWN-DAC7724 Datasheet
451Kb / 15P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com