データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC712 データシート(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
部品番号 DAC712
部品情報  16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC712 データシート(HTML) 11 Page - Burr-Brown (TI)

Back Button DAC712 Datasheet HTML 4Page - Burr-Brown (TI) DAC712 Datasheet HTML 5Page - Burr-Brown (TI) DAC712 Datasheet HTML 6Page - Burr-Brown (TI) DAC712 Datasheet HTML 7Page - Burr-Brown (TI) DAC712 Datasheet HTML 8Page - Burr-Brown (TI) DAC712 Datasheet HTML 9Page - Burr-Brown (TI) DAC712 Datasheet HTML 10Page - Burr-Brown (TI) DAC712 Datasheet HTML 11Page - Burr-Brown (TI) DAC712 Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
®
DAC712
A0 is the enable control for the DATA INPUT LATCH. A1
is the enable for the D/A LATCH. WR is used to strobe data
into latches enabled by A0, and A1. Refer to the block
diagram of Figure 1 and to Timing Diagram on page 3.
CLR sets the INPUT DATA LATCH to all zero and the
D/A LATCH to a code that gives bipolar 0V at the D/A
output.
SINGLE-BUFFERED OPERATION
To operate the DAC712 interface as a single-buffered latch,
the DATA INPUT LATCH is permanently enabled by
connecting A0 to DCOM. If A1 is not used to enable the
D/A, it should be connected to DCOM also. For this mode
of operation, the width of WR will need to be at least 80ns
minimum to pass data through the DATA INPUT LATCH
and into the D/A LATCH.
TRANSPARENT INTERFACE
The digital interface of the DAC712 can be made transpar-
ent by asserting AO, A1, and WR LOW, and asserting CLR
HIGH.
For no external adjustments, pins 4 and 6 are not connected.
External resistors R1 - R4 are standard ±1% values. Range of
adjustment at least
±0.3% FSR.
10k
3
4
6
±10V V
OUT
9.75k
IDAC
0-2mA
≈ +2.5V
15k
R
3
27k
R
4
10k
120
180
R
1
500
R
2
500
5
170
250
Internal
+10V Reference
V
REF OUT
Gain Adjust
Bipolar Offset Adjust
2
ACOM
FIGURE 6. Manual Offset and Gain Adjust Circuits.


同様の部品番号 - DAC712

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712P TI1-DAC712P Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712PB TI1-DAC712PB Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712PBG4 TI1-DAC712PBG4 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712PG4 TI1-DAC712PG4 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
More results

同様の説明 - DAC712

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com