データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC712U データシート(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
部品番号 DAC712U
部品情報  16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC712U データシート(HTML) 3 Page - Burr-Brown (TI)

  DAC712U Datasheet HTML 1Page - Burr-Brown (TI) DAC712U Datasheet HTML 2Page - Burr-Brown (TI) DAC712U Datasheet HTML 3Page - Burr-Brown (TI) DAC712U Datasheet HTML 4Page - Burr-Brown (TI) DAC712U Datasheet HTML 5Page - Burr-Brown (TI) DAC712U Datasheet HTML 6Page - Burr-Brown (TI) DAC712U Datasheet HTML 7Page - Burr-Brown (TI) DAC712U Datasheet HTML 8Page - Burr-Brown (TI) DAC712U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
®
DAC712
SPECIFICATIONS
ELECTRICAL
At T
A = +25°C, +VCC = +12V and +15V, –VCC = –12V and –15V, unless otherwise noted.
DAC712PK, UK
DAC712PL, UL
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
RESOLUTION
16
T
Bits
DIGITAL INPUTS
Input Code
Binary Two’s Complement
T
Logic Levels(1)
VIH
+2.0
+VCC – 1.4
TT
V
VIL
0
+0.8
TT
V
IIH (VI = +2.7V)
±10
T
µA
IIL (VI = +0.4V)
±10
T
µA
TRANSFER CHARACTERISTICS
ACCURACY
Linearity Error
±2
±2
LSB
TMIN to TMAX
±2
±2
LSB
Differential Linearity Error
±2
±1
LSB
TMIN to TMAX
±2
±1
LSB
Monotonicity Over Temp
15
16
Bits
Gain Error(3)
±0.1
T
%
TMIN to TMAX
±0.15
±0.02
%
Bipolar Zero Error(3)
±0.1
T
% FSR(2)
±20
T
mV
TMIN to TMAX
±0.15
±0.15
% FSR
±30
T
mV
Power Supply Sensitivity of Full Scale
±0.003
T
%FSR/% V
CC
±30
T
ppm FSR/% V
CC
DYNAMIC PERFORMANCE
Settling Time (to
±0.003%FSR, 5kΩ || 500pF Load)(4)
20V Output Step
6
10
T
10
µs
1LSB Output Step(5)
4
T
µs
Output Slew Rate
10
T
V/
µs
Total Harmonic Distortion + Noise
0dB, 1001Hz, fS = 100kHz
0.005
T
%
–20dB, 1001Hz, fS = 100kHz
0.03
T
%
–60dB, 1001Hz, fS = 100kHz
3.0
T
%
SINAD
1001Hz, fS = 100kHz
87
T
dB
Digital Feedthrough(5)
2
T
nV–s
Digital-to-Analog Glitch Impulse(5)
15
T
nV–s
Output Noise Voltage (includes reference)
120
T
nV/
√Hz
ANALOG OUTPUT
Output Voltage Range
+VCC, –VCC = ±11.4V
±10
T
V
Output Current
±5
T
mA
Output Impedance
0.1
T
Short Circuit to ACOM, Duration
Indefinite
T
REFERENCE VOLTAGE
Voltage
+9.975
+10.000
+10.025
TTT
V
TMIN to TMAX
+9.960
+10.040
TT
V
Output Resistance
1
T
Source Current
2
T
mA
Short Circuit to ACOM, Duration
Indefinite
T
POWER SUPPLY REQUIREMENTS
Voltage: +VCC
+11.4
+15
+16.5
TTT
V
–VCC
–11.4
–15
–16.5
TTT
V
Current (No Load,
±15V Supplies)
+VCC
13
15
TT
mA
–VCC
22
25
TT
mA
Power Dissipation(6)
525
600
T
mW
TEMPERATURE RANGES
Specification
All Grades
0
+70
TT
°C
Storage
–60
+150
TT
°C
Thermal Coefficient,
θ
JA
DIP Package
75
T
°C/W
SOIC Package
75
T
°C/W
T Same specification as grade to the left.
NOTES: (1) Digital inputs are TTL and +5V CMOS compatible over the specification temperature range. (2) FSR means Full Scale Range. For example, for a
±10V
output, FSR = 20V. (3) Errors externally adjustable to zero. (4) Maximum represents the 3
σ limit. Not 100% tested for this parameter. (5) For the worst case code changes:
FFFFHEX to 0000HEX and 0000HEX to FFFFHEX. These are Binary Two’s Complement (BTC) codes. (6) Typical supply voltages times maximum currents.


同様の部品番号 - DAC712U

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC712U TI1-DAC712U Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712UB TI1-DAC712UB Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712UB/1K TI1-DAC712UB/1K Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712UB/1KG4 TI1-DAC712UB/1KG4 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712UBG4 TI1-DAC712UBG4 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
More results

同様の説明 - DAC712U

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com