データシートサーチシステム |
|
DAC715UB データシート(PDF) 1 Page - Burr-Brown (TI) |
|
|
DAC715UB データシート(HTML) 1 Page - Burr-Brown (TI) |
1 / 11 page © 1995 Burr-Brown Corporation PDS-1306D Printed in U.S.A. July, 1997 DAC715 FPO ® DAC715 DAC715 16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface FEATURES q HIGH-SPEED 16-BIT PARALLEL DOUBLE- BUFFERED INTERFACE q VOLTAGE OUTPUT: 0 to +10V q 13-, 14-, 15-BIT LINEARITY GRADES q 16-BIT MONOTONIC OVER TEMPERATURE (L GRADE) q POWER DISSIPATION: 600mW max q GAIN AND OFFSET ADJUST: Convenient for Auto-Cal D/A Converters q 28-LEAD DIP AND SOIC PACKAGES DESCRIPTION The DAC715 is a complete monolithic digital-to- analog converter including a +10V temperature com- pensated reference, current-to-voltage amplifier, 16-bit parallel interface that is double buffered, and an asyn- chronous clear function which immediately sets the output voltage to one-half of full-scale. The output voltage range is 0 to +10V while operating from ±12V or ±15V supplies. The gain and bipolar offset adjustments are designed so that they can be set via external potentiometers or external D/A converters. The output amplifier is protected against short circuit to ground. The 28-pin DAC715 is available in a 0.3" plastic DIP and wide-body plastic SOIC package. The DAC715P, U, PB, and UB are specified over the –40 °C to +85°C temperature range while the DAC715PK, UK, PL, and UL are specified over the 0 °C to +70°C range. V OUT V REF OUT +10V Reference Circuit 16-Bit D/A Converter D/A Latch 16 Gain Adjust Input Latch 16 A 1 A 0 WR CLR D0 D15 Offset Adjust International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111 Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132 |
同様の部品番号 - DAC715UB |
|
同様の説明 - DAC715UB |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |