データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC7612U データシート(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
部品番号 DAC7612U
部品情報  Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7612U データシート(HTML) 6 Page - Burr-Brown (TI)

Back Button DAC7612U Datasheet HTML 2Page - Burr-Brown (TI) DAC7612U Datasheet HTML 3Page - Burr-Brown (TI) DAC7612U Datasheet HTML 4Page - Burr-Brown (TI) DAC7612U Datasheet HTML 5Page - Burr-Brown (TI) DAC7612U Datasheet HTML 6Page - Burr-Brown (TI) DAC7612U Datasheet HTML 7Page - Burr-Brown (TI) DAC7612U Datasheet HTML 8Page - Burr-Brown (TI) DAC7612U Datasheet HTML 9Page - Burr-Brown (TI) DAC7612U Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
®
DAC7612
TYPICAL PERFORMANCE CURVES
At TA = +25°, and VDD = 5V, unless otherwise specified.
5.0
4.8
4.6
4.4
4.2
4.0
MINIMUM SUPPLY VOLTAGE vs LOAD
Output Load Current (mA)
0.01
0.1
1
10
5
4
3
2
1
0
OUTPUT SWING vs LOAD
Load Resistance (
Ω)
10
100
1k
10k
100k
R
L tied to VDD
Data = 000
H
R
L tied to GND
Data = FFF
H
70
60
50
40
30
20
10
0
POWER SUPPLY REJECTION vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
1M
Data = FFF
H
V
DD = 5V
±200mV AC
Time (2ms/div)
Code = FFFH, BW = 1MHz
BROADBAND NOISE
1k
100
10
1
0.1
0.01
PULL-DOWN VOLTAGE vs OUTPUT SINK CURRENT
Current (mA)
0.001
0.01
0.1
1
10
100
+85
°C
Data = 000
H
–40
°C
+25
°C
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
SUPPLY CURRENT vs LOGIC INPUT VOLTAGE
Logic Voltage (V)
0
1
2
345


同様の部品番号 - DAC7612U

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC7612U TI1-DAC7612U Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612U TI1-DAC7612U Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612U/2K5 TI1-DAC7612U/2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612U/2K5 TI1-DAC7612U/2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612U/2K5G4 TI1-DAC7612U/2K5G4 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

同様の説明 - DAC7612U

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC7612U2K5G4 TI1-DAC7612U2K5G4 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612U2K5 TI1-DAC7612U2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com