データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD1016 データシート(PDF) 8 Page - LDT Co., Ltd

部品番号 LD1016
部品情報  16-CHANNEL CONSTANT Current LED Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LDT [LDT Co., Ltd]
ホームページ  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1016 データシート(HTML) 8 Page - LDT Co., Ltd

Back Button LD1016 Datasheet HTML 4Page - LDT Co., Ltd LD1016 Datasheet HTML 5Page - LDT Co., Ltd LD1016 Datasheet HTML 6Page - LDT Co., Ltd LD1016 Datasheet HTML 7Page - LDT Co., Ltd LD1016 Datasheet HTML 8Page - LDT Co., Ltd LD1016 Datasheet HTML 9Page - LDT Co., Ltd LD1016 Datasheet HTML 10Page - LDT Co., Ltd LD1016 Datasheet HTML 11Page - LDT Co., Ltd LD1016 Datasheet HTML 12Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Ver1.0
8
LD1016
16 CHANNEL CONSTANT CURRENT LED DRIVERS
ELECTRICAL CHARACTERISTICS
Test Circuit for Electrical Characteristics
V
DD
IDD
LD1016
IOUT0
IOUT15
DOUT
IOL
REXT
GND
Iref
IIN
IIH
IIL
VIN
VIH
VIL
OE
STROBE
DIN
CHARACTERISRIC
SYMBOL
TEST CONDITION
UNIT
Input
Voltage
VIH
V
MAX.
VDD
TYP.
-
MIN.
0.7VDD
-
TEST
CIR-
CUIT
-
“H” Level
VIL
0.3VDD
-
GND
-
-
“L” Level
Output
Voltage
VOL
V
0.2VDD
-
-
-
-
D
OUT
VOH
-
-
0.8VDD
-
-
I
OZ
1
-
VOH = 6.0V
-
uA
Output Leakage
current
Output Current1
IOL1
mA
43.0
40.0
37
R
EXT = 14kW
-
Delta I
OUT
IOL1
+ 6.0
+ 1.5
-
R
EXT = 14 kW
I
OUT = 40mA, VOUT = 1V
-
%
Output Current2
IOL2
mA
80.0
75.0
70.0
R
EXT = 7.0 kW
-
Delta I
OUT
IOL2
+ 6.0
+ 1.5
-
REXT = 7.0 kW
IOUT = 75mA, VOUT = 1V
-
%
%/VDD
5.0
1.5
-
REXT= 14 kW
-
%/V
Supply Voltage
Regulation
Vref
-
1.12
-
REXT=14 kW,Ta =-40~85
oC
-
V
Reference Voltage
RIN(up)
400
200
100
-
-
kW
Pull up resistor
RIN(down)
400
200
100
-
-
Pull down resistor
IDD (off) 1
0.6
0.3
-
REXT = OPEN, OUTn = OFF
-
V
Supply current
IDD (off) 2
1.5
1.0
0.5
REXT = 14 kW, OUTn = OFF
-
mA
IDD (off) 3
3.0
2.0
1.0
REXT = 7.0 kW, OUTn = OFF
-
R
EXT
Ta = 25C


同様の部品番号 - LD1016

メーカー部品番号データシート部品情報
logo
LDT Co., Ltd
LD1016H LDT-LD1016H Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
LD1016H-SP LDT-LD1016H-SP Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
LD1016H-SS LDT-LD1016H-SS Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
More results

同様の説明 - LD1016

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC5926 TI1-TLC5926_15 Datasheet
1Mb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Drivers
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI-TLC5926_10 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI-TLC5926 Datasheet
921Kb / 29P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1_16 Datasheet
1Mb / 36P
[Old version datasheet]   TLC592x-Q1 16-Channel Constant-Current LED Sink Drivers
logo
Silicon Touch Technolog...
DD231 SITI-DD231 Datasheet
125Kb / 7P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS
logo
List of Unclassifed Man...
TRC-152Q070ST ETC2-TRC-152Q070ST Datasheet
930Kb / 4P
   Four Channel Constant Current LED Drivers
logo
Silicon Touch Technolog...
DD233 SITI-DD233 Datasheet
145Kb / 10P
   4-CHANNEL CONSTANT CURRENT LED DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com