データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FCS-3081 データシート(PDF) 3 Page - Level One

部品番号 FCS-3081
部品情報  2-Megapixel (1920 x 1080) high-definition resolution Built-in infrared LEDs for night viewing up to 25m
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LVL1 [Level One]
ホームページ  http://www.level1.com/
Logo LVL1 - Level One

FCS-3081 データシート(HTML) 3 Page - Level One

  FCS-3081 Datasheet HTML 1Page - Level One FCS-3081 Datasheet HTML 2Page - Level One FCS-3081 Datasheet HTML 3Page - Level One FCS-3081 Datasheet HTML 4Page - Level One FCS-3081 Datasheet HTML 5Page - Level One FCS-3081 Datasheet HTML 6Page - Level One FCS-3081 Datasheet HTML 7Page - Level One FCS-3081 Datasheet HTML 8Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Removable infrared-cut filter for day & night function
IR LED:
24 IR LEDs for illumination up to 25m
Shutter Time:
1 ~ 1/10,000 sec.
Angle of View:
103.5°(W) ~ 34.3°(T)
Pan/Tilt/Zoom:
8x digital zoom
Video Compression:
H.264 / MJPEG
Resolution:
2M (1920x1080) / SXGA (1280x1024) / 1M (1280x720) / XGA (1024x768) / SVGA(800x600) / D1
(720x480) / VGA (640x480) / CIF (352x240)
Video Format:
AVI
Audio Compression:
G.711 / G.726
Power:
Power Consumption: up to 9W without heater & fan (DC12V/PoE)
up to 25W with heater & fan (AC24V)
Power Input: DC12V / AC24V / 802.3af PoE
Standards & Protocols:
IEEE 802.3 10-BASE-T, Ethernet
IEEE 802.3u 100-BASE-TX, Fast Ethernet
IEEE 802.3af Power over Ethernet (PoE)
IPv4/v6, TCP/IP, UDP, RTP, RTSP, HTTP, HTTPS, ICMP, FTP, SMTP, DHCP, PPPoE, UPnP, IGMP,
SNMP, QoS
Features
General:
Backup: MicroSD/SDHC card slot for local storage
IPv6: IPv4/IPv6 network operation
Security:
Alarm and Notification: Alarm: Motion Detection; Tampering Detection; Network Failure Detection; DI/DO
Notification: HTTP, FTP, SMTP
Access Control: Multi-level user access with password protection
IP address filtering
IEEE 802.1X network access control
HTTPS encrypted data transmission
Video:
Image Setting: - Adjustable image size, quality and bit rate
- Configurable brightness, sharpness, contrast, saturation, white balance and exposure
- ACG/AWB/AES
- Back Light Compensation (BLC)
- Wide Dynamic Range (WDR)
- 3D Noise Reduction (3DNR)
- Flip & Mirror
- Portrait Mode
- Privacy Mask
- Time Stamp and Text Caption Overlay
Image Layout:
www.level1.com
Page 3 of 8


同様の部品番号 - FCS-3081

メーカー部品番号データシート部品情報
logo
Level One
FCS-3082 LVL1-FCS-3082 Datasheet
898Kb / 5P
   Fixed Dome Network Camera
FCS-3082 LVL1-FCS-3082 Datasheet
777Kb / 5P
   Varifocal Dome IP Network Camera
FCS-3082 LVL1-FCS-3082_18 Datasheet
777Kb / 5P
   Varifocal Dome IP Network Camera
FCS-3083 LVL1-FCS-3083 Datasheet
1Mb / 5P
   Fixed Dome Network Camera
FCS-3083 LVL1-FCS-3083 Datasheet
953Kb / 5P
   Varifocal Dome IP Network Camera
More results

同様の説明 - FCS-3081

メーカー部品番号データシート部品情報
logo
Level One
FCS-5051 LVL1-FCS-5051 Datasheet
442Kb / 6P
   2-Megapixel (1920 x 1080) high-definition resolution Built-in infrared LEDs for night viewing up to 25m
FCS-6010 LVL1-FCS-6010 Datasheet
476Kb / 6P
   1.3-Megapixel (1280x1024) high-definition resolution Built-in infrared LEDs for night viewing up to 10m
FCS-3052 LVL1-FCS-3052 Datasheet
532Kb / 6P
   3-Megapixel (2032x1536) high-definition resolution Built-in infrared LEDs for night viewing up to 10m
FCS-3101 LVL1-FCS-3101 Datasheet
454Kb / 5P
   2-Megapixel (1920 x 1080) high-definition resolution Removable IR-cut filter for day and night surveillance
FCS-3062 LVL1-FCS-3062 Datasheet
472Kb / 6P
   2-Megapixel (1920 x 1080) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
FCS-4101 LVL1-FCS-4101 Datasheet
435Kb / 5P
   2-Megapixel (1920 x 1080) high-definition resolution Support unique features for auto-tracking function of moving objects
logo
Roithner LaserTechnik G...
LDM-0980-CMOUNT-TO3 ROITHNER-LDM-0980-CMOUNT-TO3 Datasheet
202Kb / 3P
   Pumping Medical Usage Infrared Sources for Night Viewing Information Recognition
logo
Level One
WCS-6020 LVL1-WCS-6020 Datasheet
491Kb / 6P
   2-Megapixel Day/Night Wireless P/T Network Camera - IR LEDs
FCS-1122 LVL1-FCS-1122 Datasheet
368Kb / 5P
   Megapixel (1280 x 800) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
FCS-3061 LVL1-FCS-3061 Datasheet
457Kb / 6P
   Megapixel (1280 x 720) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com