データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OPA634 データシート(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
部品番号 OPA634
部品情報  Wideband, Single Supply OPERATIONAL AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA634 データシート(HTML) 2 Page - Burr-Brown (TI)

  OPA634 Datasheet HTML 1Page - Burr-Brown (TI) OPA634 Datasheet HTML 2Page - Burr-Brown (TI) OPA634 Datasheet HTML 3Page - Burr-Brown (TI) OPA634 Datasheet HTML 4Page - Burr-Brown (TI) OPA634 Datasheet HTML 5Page - Burr-Brown (TI) OPA634 Datasheet HTML 6Page - Burr-Brown (TI) OPA634 Datasheet HTML 7Page - Burr-Brown (TI) OPA634 Datasheet HTML 8Page - Burr-Brown (TI) OPA634 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
®
OPA634, OPA635
OPA634U, N
OPA635U, N
TYP
GUARANTEED
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C70°C
+85
°C
UNITS
MAX
LEVEL(1)
SPECIFICATIONS: VS = +5V
At TA = 25°C, G = +2, RF = 750Ω, and RL = 150Ω to VS/2, unless otherwise noted (see Figure 1).
AC PERFORMANCE (Figure 1)
Small-Signal Bandwidth
G = +2, VO ≤ 0.5Vp-p
150
100
84
78
MHz
min
B
G = +5, VO ≤ 0.5Vp-p
36
24
20
18
MHz
min
B
G = +10, VO ≤ 0.5Vp-p
16
11
10
8
MHz
min
B
Gain Bandwidth Product
G
≥ +10
140
100
82
75
MHz
min
B
Peaking at a Gain of +1
VO ≤ 0.5Vp-p
5
dB
typ
C
Slew Rate
G = +2, 2V Step
250
170
125
115
V/
µs
min
B
Rise Time
0.5V Step
2.4
3.4
4.7
5.2
ns
max
B
Fall Time
0.5V Step
2.4
3.5
4.5
4.8
ns
max
B
Settling Time to 0.1%
G = +2, 1V Step
15
19
22
23
ns
max
B
Spurious Free Dynamic Range
VO = 2Vp-p, f = 5MHz
63
56
51
50
dBc
min
B
Input Voltage Noise
f > 1MHz
5.6
6.2
7.3
7.7
nV/
√Hz max
B
Input Current Noise
f > 1MHz
2.8
3.8
4.2
5
pA/
√Hz max
B
NTSC Differential Gain
0.10
%
typ
C
NTSC Differential Phase
0.16
degrees
typ
C
DC PERFORMANCE
Open-Loop Voltage Gain
66
63
60
53
dB
min
A
Input Offset Voltage
3
7
8
10
mV
max
A
Average Offset Voltage Drift
4.6
µV/°C
max
B
Input Bias Current
VCM = 2.0V
25
45
55
80
µA
max
B
Input Offset Current
VCM = 2.0V
0.6
2
2.3
4
µA
max
B
Input Offset Current Drift
15
nA/
°C
max
B
INPUT
Least Positive Input Voltage
–0.24
–0.1
–0.05
–0.01
V
max
B
Most Positive Input Voltage
3.8
3.5
3.45
3.4
V
min
A
Common-Mode Rejection (CMRR)
Input Referred
78
75
73
65
dB
min
A
Input Impedance
Differential-Mode
10 || 2.1
k
Ω || pF
typ
C
Common-Mode
400 || 1.2
k
Ω || pF
typ
C
OUTPUT
Least Positive Output Voltage
RL = 1kΩ to 2.5V
0.03
0.05
0.06
0.07
V
max
B
RL = 150Ω to 2.5V
0.1
0.14
0.15
0.22
V
max
A
Most Positive Output Voltage
RL = 1kΩ to 2.5V
4.86
4.8
4.75
4.7
V
min
B
RL = 150Ω to 2.5V
4.65
4.55
4.5
4.4
V
min
A
Current Output, Sourcing
80
50
45
20
mA
min
A
Current Output, Sinking
100
80
65
20
mA
min
A
Short-Circuit Current (output shorted to either supply)
100
mA
typ
C
Closed-Loop Output Impedance
G = +2, f
≤ 100kHz
0.2
typ
C
DISABLE (OPA635 only)
On Voltage (device enabled Low)
1.0
1.0
1.0
1.0
V
min
A
Off Voltage (device disabled High)
4.0
4.1
4.2
4.3
V
max
A
On Disable Current (DIS pin)
70
110
120
120
µA
max
A
Off Disable Current (DIS pin)
0
µA
typ
C
Disabled Quiescent Current
0
30
40
50
µA
max
A
Disable Time
100
ns
typ
C
Enable Time
60
———
ns
typ
C
Off Isolation
f = 5MHz, Input to Output
70
dB
typ
C
POWER SUPPLY
Minimum Operating Voltage
2.7
2.7
2.7
V
min
A
Maximum Operating Voltage
10.5
10.5
10.5
V
max
A
Maximum Quiescent Current
12
12.5
13
13.25
mA
max
A
Minimum Quiescent Current
12
11.3
9.75
8.5
mA
min
A
Power Supply Rejection Ratio (PSRR)
Input Referred
55
52
50
49
dB
min
A
THERMAL CHARACTERISTICS
Specification: U, N
–40 to +85
°C
typ
C
Thermal Resistance
U
SO-8
125
°C/W
typ
C
N
SOT23-5, SOT23-6
150
°C/W
typ
C
NOTE: (1) Test Levels: (A) 100% tested at 25
°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation.
(C) Typical value only for information.


同様の部品番号 - OPA634

メーカー部品番号データシート部品情報
logo
Texas Instruments
OPA634 TI-OPA634 Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA634 TI1-OPA634 Datasheet
284Kb / 18P
[Old version datasheet]   Dual, Low-Power, Single-Supply OPERATIONAL AMPLIFIER
OPA634 TI1-OPA634 Datasheet
278Kb / 17P
[Old version datasheet]   Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
OPA634 TI1-OPA634 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA634 TI1-OPA634 Datasheet
300Kb / 18P
[Old version datasheet]   Wideband, Single-Supply OPERATIONAL AMPLIFIERS
More results

同様の説明 - OPA634

メーカー部品番号データシート部品情報
logo
Texas Instruments
OPA634 TI1-OPA634 Datasheet
300Kb / 18P
[Old version datasheet]   Wideband, Single-Supply OPERATIONAL AMPLIFIERS
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
   Single Supply Operational Amplifiers
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com