データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC0627A データシート(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

部品番号 TC0627A
部品情報  SAW Resonator 800 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
ホームページ  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0627A データシート(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0627A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0627A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0627A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0627A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0627A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC0627A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TC0627A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 800 MHz
MODEL NO.: TC0627A
REV. NO.:1
A. FEATURES:
1. 1-Port Resonator.
B. MAXIMUM RATING:
1.Input Power Level: 0 dBm
2.DC voltage: 12 V
3.Operating Temperature: -40°C to +85°C
4.Storage Temperature: -40°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fr
MHz
799.925
800
800.075
Insertion Loss
IL
dB
1.3
2.3
Unloaded Quality factor
-
8700
-
Equivalent
Elements
Motional capacitance C1
fF
-
1.53
-
Motional inductance
L1
μ
μ
μ
μH
-
25.86
-
Motional resistance
R1
Ohm
-
13.47
-
Parallel capacitance
Co
pF
-
2.04
-
Temp.coeff.
ppm/c*2
-
0.032
-
Turnover To
deg.C
-
25
-
Package size
SMD 3.0X3.0X1.1mm
D.EQUVIRENT CIRCUIT:
One-Port Resonator:
C0
R1
C1
L1
#B
#E
Source Impedance
Load Impedance
50Ω
50Ω
RoHS Compliant
Lead free
Lead-free soldering


同様の部品番号 - TC0627A

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TC0621A TAI-SAW-TC0621A Datasheet
263Kb / 7P
   SAW Resonator 245.76MHz
TC0629A TAI-SAW-TC0629A Datasheet
160Kb / 6P
   1000.634MHz SMD 3.8 x 3.8 mm SAW Resonator
More results

同様の説明 - TC0627A

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TC0314A TAI-SAW-TC0314A Datasheet
379Kb / 5P
   SAW Resonator 800 MHz SMD 3.8X3.8 mm
logo
RF Monolithics, Inc
SF2207E RFM-SF2207E Datasheet
631Kb / 5P
   800 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0975A TAI-SAW-TA0975A Datasheet
393Kb / 7P
   SAW Filter 800 MHz
logo
Murata Manufacturing Co...
SF2207E MURATA-SF2207E Datasheet
631Kb / 5P
   800 MHz SAW Filter
logo
RF Monolithics, Inc
RP1298 RFM-RP1298 Datasheet
149Kb / 2P
   423.22 MHz SAW Resonator
logo
List of Unclassifed Man...
RC0426D55A110 ETC1-RC0426D55A110 Datasheet
265Kb / 2P
   426.550 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2119A RFM-RO2119A Datasheet
100Kb / 2P
   317.5 MHz SAW Resonator
RO2134A RFM-RO2134A Datasheet
98Kb / 2P
   372.5 MHz SAW Resonator
RO2165A RFM-RO2165A Datasheet
100Kb / 2P
   858.25 MHz SAW Resonator
RO2073C RFM-RO2073C Datasheet
95Kb / 2P
   315.0 MHz SAW Resonator
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com