データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ45A データシート(PDF) 7 Page - Socay Electornics Co., Ltd.

部品番号 SMAJ45A
部品情報  Surface Mount Transient Voltage Suppressors (TVS)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SOCAY [Socay Electornics Co., Ltd.]
ホームページ  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SMAJ45A データシート(HTML) 7 Page - Socay Electornics Co., Ltd.

  SMAJ45A Datasheet HTML 1Page - Socay Electornics Co., Ltd. SMAJ45A Datasheet HTML 2Page - Socay Electornics Co., Ltd. SMAJ45A Datasheet HTML 3Page - Socay Electornics Co., Ltd. SMAJ45A Datasheet HTML 4Page - Socay Electornics Co., Ltd. SMAJ45A Datasheet HTML 5Page - Socay Electornics Co., Ltd. SMAJ45A Datasheet HTML 6Page - Socay Electornics Co., Ltd. SMAJ45A Datasheet HTML 7Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
Revision September 25, 2013
7 / 7
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SMAJ Series
5.0 To 440 V
400W
SOCAY Electronics Co., Ltd.
www.socay.com
Part Number
Component
Package
Quantity
Packaging
Option
Packaging
Specification
SMAJXXXXX
DO-214AC (SMA)
1000
Tape & Reel -12mm/7
″tape
EIA STD RS-481
Packaging
Tape and Reel Specifications
Direction of Feed
0.49
(12.4)
0.512(13.0)
Arbor Hole Diameter
7.0
(177.8)
Dimensions are in inches
(and millimeters)
0.36
(9.2)
0.157
(4.0)
0.059
(1.5)
Diameter
0.157
(4.0)
Cover tape
0.472
(12.0)


同様の部品番号 - SMAJ45A

メーカー部品番号データシート部品情報
logo
Littelfuse
SMAJ45A LITTELFUSE-SMAJ45A Datasheet
3Mb / 146P
   TVS Diode Products
logo
DIYI Electronic Technol...
SMAJ45A DYELEC-SMAJ45A Datasheet
530Kb / 5P
   Excellent clamping capability
logo
Socay Electornics Co., ...
SMAJ45A SOCAY-SMAJ45A Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMAJ45A JGD-SMAJ45A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ45A SOCAY-SMAJ45A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

同様の説明 - SMAJ45A

メーカー部品番号データシート部品情報
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com