データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ120 データシート(PDF) 6 Page - Socay Electornics Co., Ltd.

部品番号 SMAJ120
部品情報  Surface Mount Transient Voltage Suppressors (TVS)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SOCAY [Socay Electornics Co., Ltd.]
ホームページ  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SMAJ120 データシート(HTML) 6 Page - Socay Electornics Co., Ltd.

  SMAJ120 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SMAJ120 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SMAJ120 Datasheet HTML 3Page - Socay Electornics Co., Ltd. SMAJ120 Datasheet HTML 4Page - Socay Electornics Co., Ltd. SMAJ120 Datasheet HTML 5Page - Socay Electornics Co., Ltd. SMAJ120 Datasheet HTML 6Page - Socay Electornics Co., Ltd. SMAJ120 Datasheet HTML 7Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
Revision September 25, 2013
6 / 7
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SMAJ Series
5.0 To 440 V
400W
SOCAY Electronics Co., Ltd.
www.socay.com
Inches
Millimeters
Dimensions
Min
Max
Min
Max
A
0.049
0.064
1.230
1.630
B
0.162
0.179
4.10
4.550
C
0.099
0.109
2.510
2.760
D
0.077
0.089
1.960
2.260
E
0.030
0.060
0.750
1.510
F
-
0.008
-
0.203
G
0.192
0.206
4.87
5.220
H
0.006
0.012
0.152
0.305
I
0.070
-
1.800
-
J
0.082
-
2.100
-
K
-
0.090
-
2.300
L
0.082
-
2.100
-
S M AJ
× ×× C A
5% VBR VOLTAGE TOLERANCE
BI-DIRECTIONAL
VR VOLTAGE
SERIES
Dimensions
Part Numbering
Part Marking
Socay Logo
Marking Code
Cathode Band
DO-214AC (SMA)
Cathode Band


同様の部品番号 - SMAJ120

メーカー部品番号データシート部品情報
logo
Socay Electornics Co., ...
SMAJ120 SOCAY-SMAJ120 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMAJ120 JGD-SMAJ120 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
SMAJ120 YANGJIE-SMAJ120 Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
logo
Socay Electornics Co., ...
SMAJ120 SOCAY-SMAJ120 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
RFE international
SMAJ120 RFE-SMAJ120 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts
More results

同様の説明 - SMAJ120

メーカー部品番号データシート部品情報
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com