データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ130A データシート(PDF) 5 Page - Socay Electornics Co., Ltd.

部品番号 SMAJ130A
部品情報  Surface Mount Transient Voltage Suppressors (TVS)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SOCAY [Socay Electornics Co., Ltd.]
ホームページ  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SMAJ130A データシート(HTML) 5 Page - Socay Electornics Co., Ltd.

  SMAJ130A Datasheet HTML 1Page - Socay Electornics Co., Ltd. SMAJ130A Datasheet HTML 2Page - Socay Electornics Co., Ltd. SMAJ130A Datasheet HTML 3Page - Socay Electornics Co., Ltd. SMAJ130A Datasheet HTML 4Page - Socay Electornics Co., Ltd. SMAJ130A Datasheet HTML 5Page - Socay Electornics Co., Ltd. SMAJ130A Datasheet HTML 6Page - Socay Electornics Co., Ltd. SMAJ130A Datasheet HTML 7Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
Revision September 25, 2013
5 / 7
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SMAJ Series
5.0 To 440 V
400W
SOCAY Electronics Co., Ltd.
www.socay.com
Temperature Cycle
JESD22-A104
Weight
0.002 ounce, 0.061 gram
Pressure Cooker
JESD22-A102
Case
JEDEC DO-214AC Molded Plastic over
glass passivated junction
High Temp. Storage
JESD22-A103
Polarity
Color band denotes cathode except
Bipolar
HTRB
JESD22-A108
Terminal
Matte Tin-plated leads, Solderable per
JESD22-B102D
Thermal Shock
JESD22-A106
Reflow Condition
Lead
–free assembly
-Temperature Min (Ts(min))
150
°C
-Temperature Max (Ts(max))
200
°C
Pre Heat
- Time (min to max) (ts)
60 -180 Seconds
Average ramp up rate ( Liquidus Temp TL)
to peak
3
°C/second max
TS(max) to TL - Ramp-up Rate
3
°C/second max
- Temperature (TL) (Liquidus)
217
°C
Reflow
- Time (min to max) (ts)
60 -150 Seconds
Peak Temperature (TP)
260 +0/-5
°C
Time
within
5
°C
of
actual
peak
Temperature (tp)
20 -40 Seconds
Ramp-down Rate
6
°C/second max
Time 25
°C to peak Temperature (T
P)
8 minutes Max
Do not exceed
280
°C
Ramp-down
Preheat
Critical Zone
TL to TP
Time to peak temperature
(t 25℃ to peak)
TP
TL
TS(max)
TS(min)
25
Ramp-up
Time
I-V Curve Characteristics
Physical Specifications
Environmental Specifications
Soldering Parameters


同様の部品番号 - SMAJ130A

メーカー部品番号データシート部品情報
logo
Shenzhen Luguang Electr...
SMAJ130A LUGUANG-SMAJ130A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
DIYI Electronic Technol...
SMAJ130A DYELEC-SMAJ130A Datasheet
530Kb / 5P
   Excellent clamping capability
logo
AiT Semiconductor Inc.
SMAJ130A AITSEMI-SMAJ130A Datasheet
322Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
logo
Jinan Gude Electronic D...
SMAJ130A JGD-SMAJ130A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ130A SOCAY-SMAJ130A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

同様の説明 - SMAJ130A

メーカー部品番号データシート部品情報
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com