データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAR1248FPBXXZ01A データシート(PDF) 10 Page - Lineage Power Corporation

部品番号 CAR1248FPBXXZ01A
部品情報  Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINEAGEPOWER [Lineage Power Corporation]
ホームページ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR1248FPBXXZ01A データシート(HTML) 10 Page - Lineage Power Corporation

Back Button CAR1248FPBXXZ01A Datasheet HTML 3Page - Lineage Power Corporation CAR1248FPBXXZ01A Datasheet HTML 4Page - Lineage Power Corporation CAR1248FPBXXZ01A Datasheet HTML 5Page - Lineage Power Corporation CAR1248FPBXXZ01A Datasheet HTML 6Page - Lineage Power Corporation CAR1248FPBXXZ01A Datasheet HTML 7Page - Lineage Power Corporation CAR1248FPBXXZ01A Datasheet HTML 8Page - Lineage Power Corporation CAR1248FPBXXZ01A Datasheet HTML 9Page - Lineage Power Corporation CAR1248FPBXXZ01A Datasheet HTML 10Page - Lineage Power Corporation CAR1248FPBXXZ01A Datasheet HTML 11Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
GE
Data Sheet
CAR1248FP series rectifier
Input: 90VAC to 264VAC; Output: 48VDC @ 1200W; 5 VDC @ 0.5A
February 26, 2013
©2013 General Electric Company. All rights reserved.
Page 10
Outline Drawing


同様の部品番号 - CAR1248FPBXXZ01A

メーカー部品番号データシート部品情報
logo
Lineage Power Corporati...
CAR1248FPB-1A LINEAGEPOWER-CAR1248FPB-1A Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR1248FPBYO-1A LINEAGEPOWER-CAR1248FPBYO-1A Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR1248FPBZO-1A LINEAGEPOWER-CAR1248FPBZO-1A Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
More results

同様の説明 - CAR1248FPBXXZ01A

メーカー部品番号データシート部品情報
logo
Lineage Power Corporati...
CAR1248TN LINEAGEPOWER-CAR1248TN_14 Datasheet
266Kb / 8P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR2024FP LINEAGEPOWER-CAR2024FP_14 Datasheet
261Kb / 7P
   Universal input with PFC Constant power characteristic front panel LEDs: input, output, fault
CAR2012TE LINEAGEPOWER-CAR2012TE Datasheet
444Kb / 20P
   Universal input with PFC Constant power characteristic 2 front panel LEDs: 1-input;2
CAR1612FP LINEAGEPOWER-CAR1612FP_14 Datasheet
293Kb / 7P
   Universal input with PFC Constant power characteristic 2 front panel LED 1-input LED 2-[output, fault, over temp]
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH????
NJM2521 NJRC-NJM2521 Datasheet
127Kb / 3P
   3-INPUT 1-OUTPUT AUDIO SWITCH?
logo
Mitsumi Electronics, Co...
MM1238 MITSUMI-MM1238 Datasheet
91Kb / 6P
   3-Input 2-Output 3-Circuit Video Switch
logo
HITRON ELECTRONICS CORP...
HVP950 HITRON-HVP950 Datasheet
129Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com