データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAR2024FPBZ01A データシート(PDF) 6 Page - Lineage Power Corporation

部品番号 CAR2024FPBZ01A
部品情報  Universal input with PFC Constant power characteristic front panel LEDs: input, output, fault
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINEAGEPOWER [Lineage Power Corporation]
ホームページ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2024FPBZ01A データシート(HTML) 6 Page - Lineage Power Corporation

  CAR2024FPBZ01A Datasheet HTML 1Page - Lineage Power Corporation CAR2024FPBZ01A Datasheet HTML 2Page - Lineage Power Corporation CAR2024FPBZ01A Datasheet HTML 3Page - Lineage Power Corporation CAR2024FPBZ01A Datasheet HTML 4Page - Lineage Power Corporation CAR2024FPBZ01A Datasheet HTML 5Page - Lineage Power Corporation CAR2024FPBZ01A Datasheet HTML 6Page - Lineage Power Corporation CAR2024FPBZ01A Datasheet HTML 7Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
GE Energy
CAR2024FP series rectifier
Input: 90Vac to 264Vac; Output: 24 Vdc @ 83A; 3.3Vdc or 5 Vdc @ 1A
March 28, 2013
©2012 General Electric Company. All rights reserved.
Page 6
LEDs
Three LEDs are located on the front faceplate. The AC
LED provides visual indication of the INPUT signal
function. When the LED is ON GREEN the power supply
input is within normal design limits.
The second LED DC provides visual indication when the
output is ON. When the LED is GREEN then the DC
output is present.
The third LED FLT provides visual indication when a fault
is present. When the LED is RED then a fault condition
exists and the power supply does not provide output
power.
Alarm Table
Test Condition
LED Indicator
Monitoring Signals
AC OK
DC OK
FAULT
FAULT
DC OK
INPUT OK
TEMP OK
1
Normal Operation
Green
Green
OFF
High
High
High
High
2
Low or NO INPUT
OFF
OFF
Red
Low
Low
Low
High
3
OVP
Green
OFF
Red
Low
Low
High
High
4
Over Current
Green
OFF
Red
Low
Low
High
High
5
Over Temp Alarm
Green
Green
OFF
High
High
High
Low
6
Over Temp Fault
Green
OFF
Red
Low
Low
High
Low
7
Remote ON/OFF, OFF
Green
OFF
Red
Low
Low
High
High
Note: Test condition #2 had 2 modules plug in. One module is running and the other one is with no AC.
Outline Drawing


同様の部品番号 - CAR2024FPBZ01A

メーカー部品番号データシート部品情報
logo
Lineage Power Corporati...
CAR2024FPBZ0-1A LINEAGEPOWER-CAR2024FPBZ0-1A Datasheet
1Mb / 2P
   2000 Watt 24V Front End Power Supply
More results

同様の説明 - CAR2024FPBZ01A

メーカー部品番号データシート部品情報
logo
Lineage Power Corporati...
CAR1248TN LINEAGEPOWER-CAR1248TN_14 Datasheet
266Kb / 8P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR1248FP LINEAGEPOWER-CAR1248FP_14 Datasheet
264Kb / 11P
   Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
CAR2012TE LINEAGEPOWER-CAR2012TE Datasheet
444Kb / 20P
   Universal input with PFC Constant power characteristic 2 front panel LEDs: 1-input;2
CAR1612FP LINEAGEPOWER-CAR1612FP_14 Datasheet
293Kb / 7P
   Universal input with PFC Constant power characteristic 2 front panel LED 1-input LED 2-[output, fault, over temp]
logo
HITRON ELECTRONICS CORP...
HVP950 HITRON-HVP950 Datasheet
129Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HEMP252G HITRON-HEMP252G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HEMP250G HITRON-HEMP250G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HEMP150G HITRON-HEMP150G Datasheet
54Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HIMP151 HITRON-HIMP151_11 Datasheet
997Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HVP300 HITRON-HVP300 Datasheet
131Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com