データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4001G データシート(PDF) 1 Page - Bytes

部品番号 1N4001G
部品情報  1.0 AMP GLASS PASSIVATED RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BYTES [Bytes]
ホームページ  
Logo BYTES - Bytes

1N4001G データシート(HTML) 1 Page - Bytes

  1N4001G Datasheet HTML 1Page - Bytes 1N4001G Datasheet HTML 2Page - Bytes  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0 AMP GLASS PASSIVATED RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=75 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note 1)
1N4001G 1N4002G 1N4003G 1N4004G 1N4005G 1N4006G 1N4007G
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
1.0
30
5.0
50
15
-65
+175
V
A
A
V
µA
µA
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Ambient .375" (9.5mm) lead length.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Glass passivated junction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.34 grams
1N4001G
1N4007G
THRU
1.1
Typical Thermal Resistance R JA (Note 2)
θ
50
*
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
1.0 Ampere
DO-41
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.205(5.2)
.166(4.2)
.034(.9)
.028(.7)
DIA.
.107(2.7)
.080(2.0)
DIA.
Operating and Storage Temperature Range T , T
J
STG
C
C/W


同様の部品番号 - 1N4001G

メーカー部品番号データシート部品情報
logo
Gulf Semiconductor
1N4001G GULFSEMI-1N4001G Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERVOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
NXP Semiconductors
1N4001G PHILIPS-1N4001G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4001G CHENDA-1N4001G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
List of Unclassifed Man...
1N4001G ETC1-1N4001G Datasheet
826Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
1N4001G ETC-1N4001G Datasheet
143Kb / 2P
   GLASS PASSIVATED RECTIFIER
More results

同様の説明 - 1N4001G

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
1T1G TSC-1T1G Datasheet
54Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
Formosa MS
1N4001G FORMOSA-1N4001G Datasheet
32Kb / 2P
   1.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001G TSC-1N4001G Datasheet
59Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
DIYI Electronic Technol...
1A1G DYELEC-1A1G Datasheet
650Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
1A1GU DYELEC-1A1GU Datasheet
652Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
1N4001GT DYELEC-1N4001GT Datasheet
834Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
1N4001G DYELEC-1N4001G Datasheet
779Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
1N4007G TSC-1N4007G Datasheet
235Kb / 2P
   1.0 AMP Glass Passivated Rectifiers
1N4001SG TSC-1N4001SG_1 Datasheet
227Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
1T1G TSC-1T1G_10 Datasheet
477Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
logo
UNIOHM CORPORATION
1N4001G UNIOHM-1N4001G Datasheet
66Kb / 2P
   1.0 AMP GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com