データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCCH-150X480 データシート(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

部品番号 LCCH-150X480
部品情報  AC Input 90~305Vac SCP / OTP / OVP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINKCOM [LinkCom Manufacturing Co., Ltd.]
ホームページ  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCH-150X480 データシート(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LCCH-150X480 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCH-150X480 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LinkCom Manufacturing Co., Ltd
*,# =SEE NOTES BELOW
MODEL
SPECIFICATION
*
*
*
*
*
*
(6)Load regulation measured from 20% to Full load.
(7)Line regulation measured from 100VAC to 277VAC.
(8)Preset accuracy measured at normal load, 120VAC input.
※Reference
◆ Dimension (L*W*H): 8.2 * 2.83 * 1.52 inch
208.4 * 72 * 38.5 mm【8.2 * 2.83 * 1.52 inch】
I/P-O/P:3.75KVAC, O/P-Grnd:0.5KVAC, I/P-Grnd:1.88KVAC
I/P-O/P, I/P-FG,O/P-FG :100M Ohms / 500VDC / 25℃ / 70% RH
◆ EMC: CE / FCC
◆ Comply with Indoor/Outdoor Waterproof (IP 67)
◆ Dimension (L*W*H): 208.4 * 72 * 38.55 mm
2.4A/115VAC 1.2A/230VAC
CE EN55015 / FCC Part15
-40 to +80℃
10 to +90%, non-cond.
0.03% / ℃ (0-50℃, typ)
25ms at full load 115VAC/230VAC
◆ Protection: SCP / OTP / OVP
◆ Power Factor:>0.98@115Vac;>0.95@230Vac;@full load
◆ Safety: UL / TUV / CB
◆ High Operating ambient Temp: -30℃~+60℃
(Refer to output dreating curve)
(9)100% Production Tested.
(5)Minimum load is NOT required for proper operation .
NOTES:(1)All parameters not specially mentioned are measured 230VAC input.
(2)All specifications Typical @25℃, unless otherwise noted, at normal line and load.
(3)Ripple and Noise measured directly at pins/terminals at nom. load, 0.1uF bypass and 47uF electrolytic, pk-pk @20MHz bandwidth.
(4)Specified for free-air convection cooling.
RELATIVE HUMIDITY
OPERATING TEMP.*(4)
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
DIMENSIONS(L*W*H)
STORAGE TEMPERATURE
*(9)
short circuit protection will restart automatically after the fault condition is removed
Module : LCCH-150 480
FEATURES
OUTPUT CURRENT(A) *(5)
90-305VAC, 127-431VDC, Normal:100-277VAC
<0.45mA/264VAC
O/P NOISE (P-P, mV) *(3)
EFFICIENCY(typ @Full Load)
SETUP,RISE TIME(typ.)
UL 60950-1 / TUV EN61347-2-13 / CB
ACTIVE POWER FACTOR
INPUT VOLTAGE RANGE
Range:47-63Hz, Normal:50-60Hz
INPUT FREQUENCY
LEAKAGE CURRENT
SHORT CIRCUIT PROTECTION
OVER TEMP. PROTECTION
PF>0.98 @115VAC, PF>0.95@230VAC at full load and rated output voltage
COLD START 65A @ 230VAC
AC CURRENT
INRUSH CURRENT (typ)
OPERATING VOLTAGE RANGE(V)
LOAD REGULATION (%) *(6)
EMI
TEMP. COEFFICIENT
OVER V, PROTECTION
SAFETY
1
LINE REGULATION (%) *(7)
HOLD UP TIME
DC OUTPUT POWER
◆ AC Input 90~305Vac
91%
2S,500ms at full load 115VAC/230VAC
40
1
Model NO.
Part NO.
Power Supply
208.4 * 72 * 38.55 mm【8.2 * 2.83 * 1.52 inch】
LCCH-150 480
PLCCH1150 480
Model Name
SIZE
◆ ROHS Compliant
PRESET ACCURACY (%) *(8)
1
LCCH-150 480
norm.
max.
min.
-30 to +60℃@full load(Refer to output dreating curve)
153.6 W
shut down and latch off o/p voltage , re-power on to recover
48
3.2
200
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw


同様の部品番号 - LCCH-150X480

メーカー部品番号データシート部品情報
logo
LinkCom Manufacturing C...
LCCH-150X240 LINKCOM-LCCH-150X240 Datasheet
405Kb / 2P
   AC Input 100~277Vac OVP / OTP / SCP
LCCH-150X300 LINKCOM-LCCH-150X300 Datasheet
148Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-150X360 LINKCOM-LCCH-150X360 Datasheet
145Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
More results

同様の説明 - LCCH-150X480

メーカー部品番号データシート部品情報
logo
LinkCom Manufacturing C...
LCCE-045X152 LINKCOM-LCCE-045X152 Datasheet
180Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-100X480 LINKCOM-LCCH-100X480 Datasheet
143Kb / 2P
   AC Input 90~305Vac OVP / OTP / SCP
LCCE-017X351 LINKCOM-LCCE-017X351 Datasheet
106Kb / 2P
   AC Input 90~305Vac OVP / OTP / SCP
LCCH-080X120 LINKCOM-LCCH-080X120 Datasheet
169Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-080X240 LINKCOM-LCCH-080X240 Datasheet
169Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-045X132 LINKCOM-LCCE-045X132 Datasheet
203Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-100U360 LINKCOM-LCCH-100U360 Datasheet
147Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-013X721 LINKCOM-LCCE-013X721 Datasheet
113Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-017X501 LINKCOM-LCCE-017X501 Datasheet
105Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-052X132 LINKCOM-LCCE-052X132 Datasheet
180Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-060X142 LINKCOM-LCCE-060X142 Datasheet
156Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com