データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCCN-030X112 データシート(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

部品番号 LCCN-030X112
部品情報  AC Input 90~305Vac SCP / OTP / OVP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINKCOM [LinkCom Manufacturing Co., Ltd.]
ホームページ  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCN-030X112 データシート(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LCCN-030X112 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCN-030X112 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LinkCom Manufacturing Co., Ltd
*,# =SEE NOTES BELOW
MODEL
SPECIFICATION
*
*
*
*
*
(6)Line regulation measured from 100VAC to 277VAC.
(7)Preset accuracy measured at normal load, 120VAC input.
(8)100% Production Tested.
Reference
1
1
Model NO.
Part NO.
Constant Current Power Supply
134 * 42 * 33.1 mm【5.28 * 1.65 * 1.3 inch】
LCCN-030 112
PLCCN0030 112
Model Name
SIZE
RELATIVE HUMIDITY
10 to +90%, non-cond.
DC OUTPUT VOLTAGE (V)
LINE REGULATION (%) *(6)
90-305VAC, 127-431VDC, Normal:100-277VAC
PF>0.95@115VAC , PF>0.9 @230VAC at full load and rated output voltage
COLD START 10A @ 230VAC
0.5A/115VAC 0.2A/230VAC
OUTPUT CURRENT(A) *(5)
LEAKAGE CURRENT
DC OUTPUT POWER
EFFICIENCY(typ @Full Load)
AC CURRENT
O/P NOISE (P-P, V) *(3)
INPUT VOLTAGE RANGE
LOAD REGULATION (%)
ACTIVE POWER FACTOR
INRUSH CURRENT (typ)
EMI
0.03% / ℃ (0-50℃, typ)
PSE
CE EN55015
DIMENSIONS(L*W*H)
134 * 42 * 33.1 mm【5.28 * 1.65 * 1.3 inch】
*(8)
Constant Current
Shut down and latch off o/p voltage , re-power on to recover
Module : LCCN-030 112
FEATURES
PRESET ACCURACY (%) *(7)
OVER V, PROTECTION
short circuit protection will restart automatically after the fault condition is removed
<0.7mA/240VAC
SHORT CIRCUIT PROTECTION
SAFETY
INPUT FREQUENCY
STORAGE TEMPERATURE
TEMP. COEFFICIENT
OVER CURRENT PROTECTION
OPERATING TEMP.*(4)
(5)Minimum load is NOT required for proper operation .
NOTES:(1)All parameters not specially mentioned are measured 230VAC input.
(2)All specifications Typical @25℃, unless otherwise noted, at normal line and load.
(3)Ripple and Noise measured directly at pins/terminals at nom. load, 0.1uF bypass and 47uF electrolytic, pk-pk @20MHz bandwidth.
(4)Specified for free-air convection cooling.
22
28
Range:47-63Hz, Normal:50-60Hz
4
80%
29.4 W
◆ AC Input 90~305Vac
◆ Protection: SCP / OVP / OCP
◆ High Operating ambient Temp: -20℃ ~ +60℃
◆ Power Factor:>0.95@115Vac;>0.9@230Vac;@full load
norm.
◆ Safety: PSE
◆ EMC: CE
◆ Comply with IndoorWaterproof
◆ Dimension (L*W*H): 134 * 42 * 33.1 mm
max.
◆ Dimension (L*W*H): 5.28 * 1.65 * 1.3 inch
◆ ROHS Compliant
-40 to +80℃
-20 to +60℃@full load
◆ Half-epoxy
LCCN-030 112
1
1.05
min.
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw


同様の部品番号 - LCCN-030X112

メーカー部品番号データシート部品情報
logo
Taiyo Yuden (U.S.A.), I...
LCCNF1608KKTR24MAD TAIYO-YUDEN-LCCNF1608KKTR24MAD Datasheet
318Kb / 2P
   Multilayer Metal Power Inductors MCOIL™ LCCN series for Automotive Body & Chassis and Infotainment
2022.10.19
LCCNF1608KKTR33MAD TAIYO-YUDEN-LCCNF1608KKTR33MAD Datasheet
318Kb / 2P
   Multilayer Metal Power Inductors MCOIL™ LCCN series for Automotive Body & Chassis and Infotainment
2022.10.19
LCCNF1608KKTR47MAD TAIYO-YUDEN-LCCNF1608KKTR47MAD Datasheet
318Kb / 2P
   Multilayer Metal Power Inductors MCOIL™ LCCN series for Automotive Body & Chassis and Infotainment
2022.10.19
LCCNF1608KKTR56MA TAIYO-YUDEN-LCCNF1608KKTR56MA Datasheet
441Kb / 3P
   Multilayer Metal Power Inductors MCOIL™ LCCN series for Automotive Body & Chassis and Infotainment
2023/11/15
LCCNF1608KKTR56MAD TAIYO-YUDEN-LCCNF1608KKTR56MAD Datasheet
441Kb / 3P
   Multilayer Metal Power Inductors MCOIL™ LCCN series for Automotive Body & Chassis and Infotainment
2023/11/15
More results

同様の説明 - LCCN-030X112

メーカー部品番号データシート部品情報
logo
LinkCom Manufacturing C...
LCCE-045X152 LINKCOM-LCCE-045X152 Datasheet
180Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-100X480 LINKCOM-LCCH-100X480 Datasheet
143Kb / 2P
   AC Input 90~305Vac OVP / OTP / SCP
LCCE-017X351 LINKCOM-LCCE-017X351 Datasheet
106Kb / 2P
   AC Input 90~305Vac OVP / OTP / SCP
LCCH-080X120 LINKCOM-LCCH-080X120 Datasheet
169Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-080X240 LINKCOM-LCCH-080X240 Datasheet
169Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-045X132 LINKCOM-LCCE-045X132 Datasheet
203Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-100U360 LINKCOM-LCCH-100U360 Datasheet
147Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-013X721 LINKCOM-LCCE-013X721 Datasheet
113Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-017X501 LINKCOM-LCCE-017X501 Datasheet
105Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-052X132 LINKCOM-LCCE-052X132 Datasheet
180Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-060X142 LINKCOM-LCCE-060X142 Datasheet
156Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com