データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N4339 データシート(PDF) 1 Page - Calogic, LLC

部品番号 2N4339
部品情報  N-Channel JFET Low Noise Amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CALOGIC [Calogic, LLC]
ホームページ  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

2N4339 データシート(HTML) 1 Page - Calogic, LLC

  2N4339 Datasheet HTML 1Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N-Channel JFET
Low Noise Amplifier
2N4338 – 2N4341
FEATURES
•• Exceptionally High Figure of Merit
•• Radiation Immunity
•• Extremely Low Noise and Capacitance
•• High Input Impedance
APPLICATIONS
•• Low-level Choppers
•• Data Switches
•• Multiplexers and Low Noise Amplifiers
ABSOLUTE MAXIMUM RATINGS
(TA = 25
oC unless otherwise noted)
Gate-Source or Gate-Drain Voltage . . . . . . . . . . . . . . . . -50V
Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Storage Temperature Range . . . . . . . . . . . . . -65
oC to +200oC
Operating Temperature Range . . . . . . . . . . . -55
oC to +175oC
Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300
oC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mW
Derate above 25
oC . . . . . . . . . . . . . . . . . . . . . . . 2.0mW/oC
NOTE: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Part
Package
Temperature Range
2N4338-41
Hermetic TO-18
-55
oC to +175oC
X2N4338-41
Sorted Chips in Carriers
-55
oC to +175oC
CORPORATION
PIN CONFIGURATION
S
TO-18
G,C
D
ELECTRICAL CHARACTERISTICS (TA = 25
oC unless otherwise specified)
SYMBOL
PARAMETER
2N4338
2N4339
2N4340
2N4341
UNITS
TEST CONDITIONS
MIN MAX MIN MAX MIN MAX MIN MAX
IGSS
Gate Reverse Current
-0.1
-0.1
-0.1
-0.1
nA
VGS = -30V, VDS = 0
TA = 150
oC
-0.1
-0.1
-0.1
-0.1
µA
BVGSS
Gate-Source Breakdown Voltage
-50
-50
-50
-50
V
IG = -1
µA, VDS = 0
VGS(off)
Gate-Source Cutoff Voltage
-0.3
-1
-0.6
-1.8
-1
-3
-2
-6
VDS = 15V, ID = 0.1
µA
ID(off)
Drain Cutoff Current
0.05
(-5)
0.05
(-5)
0.05
(-5)
0.07
(-10)
nA
(V)
VDS = 15V,
VGS = ( )
IDSS
Saturation Drain Current (Note 2)
0.2
0.6
0.5
1.5
1.2
3.6
3
9
mA
VDS = 15V, VGS = 0
gfs
Common-Source Forward
Transconductance (Note 2)
600 1800 800 2400 1300 3000 2000 4000
µS
VDS = 15V,
VGS = 0
f = 1kHz
gos
Common-Source Output Conductance
5
15
30
60
rDS(on)
Drain-Source ON Resistance
2500
1700
1500
800
ohm
VDS = 0, IDS = 0
Ciss
Common-Source Input Capacitance
7777
pF
VDS = 15V,
VGS = 0 (Note 1)
f = 1MHz
Crss
Common-Source Reverse Transfer
Capacitance
3333
NF
Noise Figure (Note 1)
1111
dB
VDS = 15V,
VGS = 0
Rgen = 1meg,
BW = 200Hz
f = 1kHz
NOTES: 1. For design reference only, not 100% tested.
2. Pulse test duration 2ms (non-JEDEC Condition).
5010


同様の部品番号 - 2N4339

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
2N4339 CENTRAL-2N4339 Datasheet
58Kb / 1P
   Junction FETs Low Frequency/ Low Noise
logo
InterFET Corporation
2N4339 INTERFET-2N4339 Datasheet
92Kb / 1P
   N - CHANNEL JFETS GENERAL - PURPOSE DEVICE TYPES
logo
Vishay Siliconix
2N4339 VISHAY-2N4339 Datasheet
56Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
logo
Central Semiconductor C...
2N4339 CENTRAL-2N4339 Datasheet
47Kb / 1P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
logo
Intersil Corporation
2N4339 INTERSIL-2N4339 Datasheet
4Mb / 122P
   P-CHANNEL JFET
More results

同様の説明 - 2N4339

メーカー部品番号データシート部品情報
logo
New Jersey Semi-Conduct...
2N3684 NJSEMI-2N3684 Datasheet
112Kb / 1P
   N-CHANNEL JFET LOW NOISE AMPLIFIER
logo
Calogic, LLC
2N4338 CALOGIC-2N4338_15 Datasheet
31Kb / 1P
   N-Channel JFET Low Noise Amplifier
2N3684 CALOGIC-2N3684 Datasheet
76Kb / 1P
   N CHANNEL JFET LOW NOISE AMPLIFIER
logo
Intersil Corporation
2N5515 INTERSIL-2N5515 Datasheet
72Kb / 2P
   DUAL N CHANNEL JFET LOW NOISE AMPLIFIER
logo
New Jersey Semi-Conduct...
2N6483 NJSEMI-2N6483 Datasheet
202Kb / 1P
   DUAL N-CHANNEL JFET LOW NOISE AMPLIFIER
logo
Linear Integrated Syste...
LSK170 LINEAR-LSK170_14 Datasheet
191Kb / 2P
   ULTRA LOW NOISE SINGLE N-CHANNEL JFET AMPLIFIER
J210 LINEAR-J210_14 Datasheet
182Kb / 1P
   LOW NOISE N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
LSK489A LINEAR-LSK489A Datasheet
523Kb / 7P
   Low Noise, Monolithic Dual N-Channel JFET Amplifier
04/12/2022 Rev. A40
LS846 LINEAR-LS846_14 Datasheet
391Kb / 2P
   LOW NOISE LOW LEAKAGE SINGLE N-CHANNEL JFET AMPLIFIER
logo
Seme LAB
2N4339 SEME-LAB-2N4339 Datasheet
25Kb / 2P
   LOW NOISE N-CHANNEL JFET
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com