データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6569D013TR データシート(PDF) 11 Page - STMicroelectronics

部品番号 L6569D013TR
部品情報  HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6569D013TR データシート(HTML) 11 Page - STMicroelectronics

Back Button L6569D013TR Datasheet HTML 5Page - STMicroelectronics L6569D013TR Datasheet HTML 6Page - STMicroelectronics L6569D013TR Datasheet HTML 7Page - STMicroelectronics L6569D013TR Datasheet HTML 8Page - STMicroelectronics L6569D013TR Datasheet HTML 9Page - STMicroelectronics L6569D013TR Datasheet HTML 10Page - STMicroelectronics L6569D013TR Datasheet HTML 11Page - STMicroelectronics L6569D013TR Datasheet HTML 12Page - STMicroelectronics L6569D013TR Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11/13
L6569 L6569A
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.75
0.069
a1
0.1
0.25
0.004
0.010
a2
1.65
0.065
a3
0.65
0.85
0.026
0.033
b
0.35
0.48
0.014
0.019
b1
0.19
0.25
0.007
0.010
C
0.25
0.5
0.010
0.020
c1
45
° (typ.)
D (1)
4.8
5.0
0.189
0.197
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
3.81
0.150
F (1)
3.8
4.0
0.15
0.157
L
0.4
1.27
0.016
0.050
M
0.6
0.024
S8
° (max.)
(1) D and F do not include mold flash or protrusions. Mold flash or
potrusions shall not exceed 0.15mm (.006inch).
SO8
OUTLINE AND
MECHANICAL DATA


同様の部品番号 - L6569D013TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L6569D STMICROELECTRONICS-L6569D Datasheet
110Kb / 13P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
More results

同様の説明 - L6569D013TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L6571A STMICROELECTRONICS-L6571A Datasheet
60Kb / 7P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
E-L6569 STMICROELECTRONICS-E-L6569 Datasheet
181Kb / 13P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
June 2000
L6571AD013TR STMICROELECTRONICS-L6571AD013TR Datasheet
234Kb / 12P
   High voltage half bridge driver with oscillator
L6569AD013TR STMICROELECTRONICS-L6569AD013TR Datasheet
181Kb / 13P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
L6571BD013TR STMICROELECTRONICS-L6571BD013TR Datasheet
234Kb / 12P
   High voltage half bridge driver with oscillator
January 2010 Rev 6
L6571A_0009 STMICROELECTRONICS-L6571A_0009 Datasheet
132Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
L6569 STMICROELECTRONICS-L6569 Datasheet
110Kb / 13P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
logo
ON Semiconductor
NCP1392B ONSEMI-NCP1392B_12 Datasheet
203Kb / 21P
   High-Voltage Half-Bridge Driver with Inbuilt Oscillator
May, 2012 ??Rev. 3
NCP1392B ONSEMI-NCP1392B_09 Datasheet
203Kb / 21P
   High-Voltage Half-Bridge Driver with Inbuiltc Oscillator
May, 2012 ??Rev. 3
NCP1392 ONSEMI-NCP1392 Datasheet
162Kb / 21P
   High-Voltage Half-Bridge Driver with Inbuilt Oscillator
March, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com