データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF6674TRPBF データシート(PDF) 3 Page - International Rectifier

部品番号 IRF6674TRPBF
部品情報  DirectFETPower MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF6674TRPBF データシート(HTML) 3 Page - International Rectifier

  IRF6674TRPBF Datasheet HTML 1Page - International Rectifier IRF6674TRPBF Datasheet HTML 2Page - International Rectifier IRF6674TRPBF Datasheet HTML 3Page - International Rectifier IRF6674TRPBF Datasheet HTML 4Page - International Rectifier IRF6674TRPBF Datasheet HTML 5Page - International Rectifier IRF6674TRPBF Datasheet HTML 6Page - International Rectifier IRF6674TRPBF Datasheet HTML 7Page - International Rectifier IRF6674TRPBF Datasheet HTML 8Page - International Rectifier IRF6674TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRF6674TRPbF
www.irf.com
3
Fig 3. Maximum Effective Transient Thermal Impedance, Junction-to-Case

ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple incontact with top (Drain) of part.
ˆ Used double sided cooling, mounting pad with large heatsink.
Notes:
‰ Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
Š Rθ is measured at TJ of approximately 90°C.
ƒ Surface mounted on 1 in. square Cu
board (still air).
‰ Mounted on minimum footprint full size board with metalized
back and with small clip heatsink. (still air)
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = Pdm x Zthjc + Tc
Ri (°C/W)
τι (sec)
0.023002 0.000008
0.269754 0.000072
0.770575 0.001409
0.337715 0.005778
τJ
τJ
τ1
τ1
τ2
τ2
τ3
τ3
R1
R1
R2
R2
R3
R3
Ci
i
/Ri
Ci=
τi/Ri
τ
τC
τ4
τ4
R4
R4
Absolute Maximum Ratings
Parameter
Units
PD @TA = 25°C
Power Dissipation
e
W
PD @TA = 70°C
Power Dissipation
e
PD @TC = 25°C
Power Dissipation
f
TP
Peak Soldering Temperature
°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
el
–––
35
RθJA
Junction-to-Ambient
jl
12.5
–––
RθJA
Junction-to-Ambient
kl
20
–––
°C/W
RθJC
Junction-to-Case
fl
–––
1.4
RθJ-PCB
Junction-to-PCB Mounted
1.0
–––
3.6
2.3
270
-40 to + 150
Max.
89


同様の部品番号 - IRF6674TRPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6674TRPBF IRF-IRF6674TRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
IRF6674TRPBF IRF-IRF6674TRPBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6674TRPBF IRF-IRF6674TRPBF_08 Datasheet
255Kb / 9P
   DirectFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com