データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF8113GPBF データシート(PDF) 2 Page - International Rectifier

部品番号 IRF8113GPBF
部品情報  DirectFETPower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF8113GPBF データシート(HTML) 2 Page - International Rectifier

  IRF8113GPBF Datasheet HTML 1Page - International Rectifier IRF8113GPBF Datasheet HTML 2Page - International Rectifier IRF8113GPBF Datasheet HTML 3Page - International Rectifier IRF8113GPBF Datasheet HTML 4Page - International Rectifier IRF8113GPBF Datasheet HTML 5Page - International Rectifier IRF8113GPBF Datasheet HTML 6Page - International Rectifier IRF8113GPBF Datasheet HTML 7Page - International Rectifier IRF8113GPBF Datasheet HTML 8Page - International Rectifier IRF8113GPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF8113GPbF
2
www.irf.com
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.024
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
4.7
5.6
m
–––
5.8
6.8
VGS(th)
Gate Threshold Voltage
1.5
–––
2.2
V
∆VGS(th)
Gate Threshold Voltage Coefficient
–––
- 5.4
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
73
–––
–––
S
Qg
Total Gate Charge
–––
24
36
Qgs1
Pre-Vth Gate-to-Source Charge
–––
6.2
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
2.0
–––
nC
Qgd
Gate-to-Drain Charge
–––
8.5
–––
Qgodr
Gate Charge Overdrive
–––
7.3
–––
See Fig. 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––
10.5
–––
Qoss
Output Charge
–––
10
–––
nC
RG
Gate Resistance
–––
0.8
1.5
td(on)
Turn-On Delay Time
–––
13
–––
tr
Rise Time
–––
8.9
–––
td(off)
Turn-Off Delay Time
–––
17
–––
ns
tf
Fall Time
–––
3.5
–––
Ciss
Input Capacitance
–––
2910
–––
Coss
Output Capacitance
–––
600
–––
pF
Crss
Reverse Transfer Capacitance
–––
250
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
3.1
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
135
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
34
51
ns
Qrr
Reverse Recovery Charge
–––
21
32
nC
Conditions
Max.
48
13.3
ƒ = 1.0MHz
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 17.2A
e
MOSFET symbol
VDS = 10V, VGS = 0V
VDD = 15V, VGS = 4.5V
e
ID = 13.3A
VDS = 15V
VGS = 20V
VGS = -20V
VDS = 24V, VGS = 0V
TJ = 25°C, IF = 13.3A, VDD = 10V
di/dt = 100A/µs
e
TJ = 25°C, IS = 13.3A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
VGS = 4.5V, ID = 13.8A
e
VGS = 4.5V
Typ.
–––
VDS = VGS, ID = 250µA
Clamped Inductive Load
VDS = 15V, ID = 13.3A
VDS = 24V, VGS = 0V, TJ = 125°C
–––
ID = 13.3A
VGS = 0V
VDS = 15V


同様の部品番号 - IRF8113GPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF8113 IRF-IRF8113 Datasheet
207Kb / 10P
   Power MOSFET
IRF8113 IRF-IRF8113 Datasheet
1Mb / 15P
   IRU3146 EVALUATION BOARD USER GUIDE
IRF8113 IRF-IRF8113 Datasheet
272Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF8113PBF IRF-IRF8113PBF Datasheet
218Kb / 10P
   HEXFET짰Power MOSFET
IRF8113PBF IRF-IRF8113PBF Datasheet
224Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10