データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF8301MTRPBF データシート(PDF) 8 Page - International Rectifier

部品番号 IRF8301MTRPBF
部品情報  DirectFETPower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF8301MTRPBF データシート(HTML) 8 Page - International Rectifier

Back Button IRF8301MTRPBF Datasheet HTML 2Page - International Rectifier IRF8301MTRPBF Datasheet HTML 3Page - International Rectifier IRF8301MTRPBF Datasheet HTML 4Page - International Rectifier IRF8301MTRPBF Datasheet HTML 5Page - International Rectifier IRF8301MTRPBF Datasheet HTML 6Page - International Rectifier IRF8301MTRPBF Datasheet HTML 7Page - International Rectifier IRF8301MTRPBF Datasheet HTML 8Page - International Rectifier IRF8301MTRPBF Datasheet HTML 9Page - International Rectifier IRF8301MTRPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IRF8301MTRPbF
www.irf.com © 2013 International Rectifier
September 6, 2013
8
Fig 19.
Diode Reverse Recovery Test Circuit for HEXFET® Power MOSFETs
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
*** VGS = 5V for Logic Level Devices
***
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• dv/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T

**
*
* Use P-Channel Driver for P-Channel Measurements
** Reverse Polarity for P-Channel
DirectFET™ Board Footprint, MT Outline
(Medium Size Can, T-Designation).
Please see DirectFET application note AN-1035 for all details regarding the assembly of DirectFET.
This includes all recommendations for stencil and substrate designs.
G = GATE
D = DRAIN
S = SOURCE
G
D
DD
D
S
S
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/


同様の部品番号 - IRF8301MTRPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF8301MPBF IRF-IRF8301MPBF Datasheet
344Kb / 10P
   Ultra-low Package Inductance
IRF8301MPBF IRF-IRF8301MPBF_15 Datasheet
344Kb / 10P
   Ultra-low Package Inductance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com