データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL431D データシート(PDF) 3 Page - Calogic, LLC

部品番号 TL431D
部品情報  Precision Adjustable Precision Adjustable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CALOGIC [Calogic, LLC]
ホームページ  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

TL431D データシート(HTML) 3 Page - Calogic, LLC

  TL431D Datasheet HTML 1Page - Calogic, LLC TL431D Datasheet HTML 2Page - Calogic, LLC TL431D Datasheet HTML 3Page - Calogic, LLC TL431D Datasheet HTML 4Page - Calogic, LLC TL431D Datasheet HTML 5Page - Calogic, LLC TL431D Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TL431
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
ELECTRICAL CHARACTERISTICS
Electrical Characteristics are guaranteed over full junction temperature range (0 to 105
oC). Ambient temperature must be derated based on
power dissipation and package thermal characteristics. The conditions are: VKA = VREF and IK = 10mA unless otherwise stated.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
TEST CIRCUIT
TEST CONDITION
VREF
Reference Voltage
2.470
2.495
2.520
V
1
TA = 25
oC
2.449
2.541
V
1
Over Temp.
TC
∆VREF with Temp.*
0.07
0.20
mV/
oC1
∆VREF
∆VK
Ratio of Change in VREF to
Cathode Voltage
–2.7
–1.0
mV/V
2
VREF to 10V
–2
–0.4
0.3
10V to 36V
IREF
Reference Input Current
0.7
4
µA2
∆IREF
IREF Temp Deviation
0.4
1.2
µA
2
Over Temp.
IK(MIN)
Min IK for Regulation
0.4
1
mA
1
IK(OFF)
Off State Leakage
0.04
250
nA
3
VREF = 0V, VKA = 36V
ZKA
Dynamic Output Impedance
0.15
0.5
1f
≤ 1kHz, IK = 1 to 150mA
0
15
30
45
60
75
90
105
TEMPERATURE (˚C)
0.07 mV/˚C
0.003 %/˚C
27 ppm/˚C
0.5
5000
0
00
–10
∆V
REF
∆T
1G-37
TC in mV/oC =
∆VREF
(mV)
∆TA
TC in %/oC =
∆VREF
VREF at 25
oC
x 100
∆TA
TC in ppm/oC =
∆VREF
VREF at 25
oC
x 10
6
∆TA
*CALCULATING AVERAGE TEMPERATURE COEFFICIENT (TC)
TEST CIRCUITS
IN
V
KA
V
K
I
1G-38
REF
I
REF
= V
REF
I
IN
V
KA
V
2
R
1
R
REF
(V
)
K
I
1G-39
IN
V
KA
V
K(OFF)
I
1G-40
TEST CIRCUIT 1
TEST CIRCUIT 2
TEST CIRCUIT 3
CORPORATION


同様の部品番号 - TL431D

メーカー部品番号データシート部品情報
logo
IK Semicon Co., Ltd
TL431D IKSEMICON-TL431D Datasheet
3Mb / 12P
   Programmable Precision Reference
logo
Hotchip Technology Co.,...
TL431D HOTCHIP-TL431D Datasheet
706Kb / 6P
   Programmable output voltage to 36V
logo
Guangdong Youtai Semico...
TL431D UMW-TL431D Datasheet
695Kb / 13P
   Adjustable Precision Shunt Regulator
logo
Infineon Technologies A...
TL431DBZR INFINEON-TL431DBZR Datasheet
1Mb / 36P
   iMOTION™ modular application design kit
Revision 1.1 2020-09-29
More results

同様の説明 - TL431D

メーカー部品番号データシート部品情報
logo
Sipex Corporation
SPX2431 SIPEX-SPX2431 Datasheet
142Kb / 9P
   Precision Adjustable Shunt Regulator
logo
Anachip Corp
AP432 ANACHIP-AP432 Datasheet
313Kb / 16P
   Adjustable Precision Shunt Regulator
logo
Sipex Corporation
SPX431C SIPEX-SPX431C Datasheet
159Kb / 9P
   Precision Adjustable Shunt Regulator
logo
List of Unclassifed Man...
SS432G ETC-SS432G Datasheet
382Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431S TOSHIBA-TA76431S Datasheet
263Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
NEC
UPC1093 NEC-UPC1093 Datasheet
109Kb / 16P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Compact Technology Corp...
TL432 CTC-TL432 Datasheet
153Kb / 6P
   Adjustable Precision Shunt Regulator
logo
Seaward Electronics Inc...
SE431D SEAWARD-SE431D_14 Datasheet
365Kb / 8P
   Adjustable Precision Shunt Regulator
logo
Diotec Semiconductor
MMTL431A DIOTEC-MMTL431A Datasheet
212Kb / 3P
   Adjustable Precision Shunt Regulator
MMTL431A DIOTEC-MMTL431A_18 Datasheet
212Kb / 3P
   Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com