データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS150-6S データシート(PDF) 2 Page - MTU Onsite Energy Corporation

部品番号 GS150-6S
部品情報  GAS GENERATOR SET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MTU [MTU Onsite Energy Corporation]
ホームページ  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

GS150-6S データシート(HTML) 2 Page - MTU Onsite Energy Corporation

  GS150-6S Datasheet HTML 1Page - MTU Onsite Energy Corporation GS150-6S Datasheet HTML 2Page - MTU Onsite Energy Corporation GS150-6S Datasheet HTML 3Page - MTU Onsite Energy Corporation GS150-6S Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
///  /
GS150-6S
// 
Engine
Air Cleaner
Oil Pump
Oil Drain Extension & S/O Valve
Full Flow Oil Filter
Jacket Water Pump
Thermostats
Blower Fan & Fan Drive
Radiator - Unit Mounted
Electric Starting Motor - 24V
Governor – Electronic Isochronous
Base - Formed Steel
SAE Flywheel & Bell Housing
Charging Alternator - 24V
Battery Box & Cables
Flexible Fuel Connectors
Flexible Exhaust Connection
EPA Certified Engine
// 
Generator
NEMA MG1, IEEE and ANSI standards compliance for temperature rise
and motor starting
Self Ventilated and Drip-proof
Superior Voltage Waveform
Solid State, Volts-per-hertz Regulator
±1% Voltage Regulation No Load to Full Load
Brushless Alternator with Brushless Pilot Exciter
4 pole, Rotating Field
130 °C Maximum Standby Temperature Rise
1 Bearing, Sealed
Flexible Coupling
Full Amortisseur Windings
125% Rotor Balancing
3-phase Voltage Sensing
100% of Rated Load - One Step
5% Maximum Total Harmonic Distortion
// 
Digital Control Panel(s)
Digital Metering
Engine Parameters
Generator Protection Functions
Engine Protection
SAE J1939 Engine ECU Communications
Windows®-Based Software
Multilingual Capability
Remote Communications to RDP-110 Remote Annunciator
16 Programmable Contact Inputs
Up to 11 Contact Outputs
UL Recognized, CSA Certified, CE Approved
Event Recording
IP 54 Front Panel Rating with Integrated Gasket
NFPA110 Compatible
STANDARD EQUIPMENT*
// 
MTU Onsite Energy is a single source supplier
// 
Global Product Support
// 
2 Year Standard Warranty
// 
8.1 L Turbo Engine Charge Air Cooling
- 8.1 Liter Displacement
- 4-Cycle
// 
3-Way Catalyst
// 
Optional Fuels: LP Liquid and Dual Fuel
// 
Engine-generator resilient mounted
// 
Complete Range of Accessories
// 
Generator
- Brushless, Rotating Field Generator
- 2/3 Pitch Windings
- 300% Short Circuit Capability with Optional PMG
// 
Digital Control Panel(s)
- UL Recognized, CSA Certified, NFPA 110
- Complete System Metering
- LCD Display
// 
Cooling System
- Integral Set-Mounted
- Engine Driven Fan
STANDARD FEATURES*
* Represents standard product only. Consult Factory/MTU Onsite Energy Distributor for additional configurations.


同様の部品番号 - GS150-6S

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
GS150 ETC2-GS150 Datasheet
163Kb / 2P
   Gold Seal Series Public Address Amplifiers
logo
Gennum Corporation
GS1500 GENNUM-GS1500 Datasheet
146Kb / 17P
   HDTV Serial Digital Deformatter with ANC FIFOs
GS1500-CQR GENNUM-GS1500-CQR Datasheet
146Kb / 17P
   HDTV Serial Digital Deformatter with ANC FIFOs
logo
DAESAN ELECTRONIC CORP.
GS1500FL DAESAN-GS1500FL Datasheet
394Kb / 2P
   STANDARD RECTIFIER
logo
Gennum Corporation
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
   HDTV Serial Digital Formatter with ANC FIFOs
More results

同様の説明 - GS150-6S

メーカー部品番号データシート部品情報
logo
MTU Onsite Energy Corpo...
GS350-6S MTU-GS350-6S Datasheet
496Kb / 4P
   GAS GENERATOR SET
GS400-6S MTU-GS400-6S Datasheet
512Kb / 4P
   GAS GENERATOR SET
MTU4R0113DS125 MTU-MTU4R0113DS125 Datasheet
439Kb / 4P
   GAS GENERATOR SET
MTU6R0185GS200 MTU-MTU6R0185GS200 Datasheet
381Kb / 4P
   GAS GENERATOR SET
MTU6V0072GS40 MTU-MTU6V0072GS40 Datasheet
459Kb / 4P
   GAS GENERATOR SET
MTU12V0183GS400 MTU-MTU12V0183GS400 Datasheet
495Kb / 4P
   GAS GENERATOR SET
40-GC6NLT1 MTU-40-GC6NLT1_14 Datasheet
466Kb / 4P
   GAS GENERATOR SET
MTU4R0075GS30 MTU-MTU4R0075GS30 Datasheet
271Kb / 4P
   GAS GENERATOR SET
MTU8V0071GS60 MTU-MTU8V0071GS60 Datasheet
441Kb / 4P
   GAS GENERATOR SET
60-GC6NLT1-STANDBY MTU-60-GC6NLT1-STANDBY Datasheet
440Kb / 4P
   GAS GENERATOR SET
30-GC6NLT1 MTU-30-GC6NLT1_14 Datasheet
271Kb / 4P
   GAS GENERATOR SET
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com