データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS150-6S データシート(PDF) 4 Page - MTU Onsite Energy Corporation

部品番号 GS150-6S
部品情報  GAS GENERATOR SET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MTU [MTU Onsite Energy Corporation]
ホームページ  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

GS150-6S データシート(HTML) 4 Page - MTU Onsite Energy Corporation

  GS150-6S Datasheet HTML 1Page - MTU Onsite Energy Corporation GS150-6S Datasheet HTML 2Page - MTU Onsite Energy Corporation GS150-6S Datasheet HTML 3Page - MTU Onsite Energy Corporation GS150-6S Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
///  /
GS150-6S
WEIGHTS AND DIMENSIONS
Materials and specifications subject to change without notice.
C/F = Consult Factory/MTU Onsite Energy Distributor
EMISSIONS DATA
Fuel Type
THC + NOx
CO
Natural Gas
0.63
0.13
Liquid Propane
0.08
0.39
All units are in g/hp-hr and are EPA D2 cycle values.
RATING DEFINITIONS AND CONDITIONS
// 
Ambient capability factor at 984 ft (300 m). Consult your
local MTU Onsite Energy Power Generation Distributor for
other altitudes.
// 
Standby ratings apply to installations served by a reliable
utility source. The standby rating is applicable to varying
loads for the duration of a power outage. No overload capa-
bility for this rating. Ratings are in accordance with
ISO 3046-1, BS 5514, AS 2789, and DIN 6271.
// 
Deration Factor:
Production tolerances in engines and installed components
can account for power variations. Altitude, temperature and
excessive exhaust and intake restrictions should be applied
to power calculations. Consult your local MTU Onsite Energy
Power Generation Distributor for derations.
Drawing above for illustration purposes only, based on standard open power 480 volt generator set. Lengths may vary with other voltages. Do not use for installation design.
See website for unit specific template drawings.
SOUND DATA
Unit Type
Standby Full Load (NG)
Standby Full Load (LP)
Level 0: Open Power Unit dB(A)
82
81.7
Sound data is provided at 7 m (23 ft). Generator set tested in accordance with ISO 8528-10 and with infinite exhaust.
System
Dimensions (L x W x H)
Weight (dry/less tank)
Open Power Unit (OPU)
3,607 x 1,591 x 1,788 mm (142 x 62.63 x 70.38 in)
2,562 kg (5,647 lb)
Weights and dimensions are based on open power units and are estimates only. Consult the factory for accurate weights and dimensions for your specific generator set.
MTU Onsite Energy
A Rolls-Royce Power Systems Brand
www.mtuonsiteenergy.com


同様の部品番号 - GS150-6S

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
GS150 ETC2-GS150 Datasheet
163Kb / 2P
   Gold Seal Series Public Address Amplifiers
logo
Gennum Corporation
GS1500 GENNUM-GS1500 Datasheet
146Kb / 17P
   HDTV Serial Digital Deformatter with ANC FIFOs
GS1500-CQR GENNUM-GS1500-CQR Datasheet
146Kb / 17P
   HDTV Serial Digital Deformatter with ANC FIFOs
logo
DAESAN ELECTRONIC CORP.
GS1500FL DAESAN-GS1500FL Datasheet
394Kb / 2P
   STANDARD RECTIFIER
logo
Gennum Corporation
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
   HDTV Serial Digital Formatter with ANC FIFOs
More results

同様の説明 - GS150-6S

メーカー部品番号データシート部品情報
logo
MTU Onsite Energy Corpo...
GS350-6S MTU-GS350-6S Datasheet
496Kb / 4P
   GAS GENERATOR SET
GS400-6S MTU-GS400-6S Datasheet
512Kb / 4P
   GAS GENERATOR SET
MTU4R0113DS125 MTU-MTU4R0113DS125 Datasheet
439Kb / 4P
   GAS GENERATOR SET
MTU6R0185GS200 MTU-MTU6R0185GS200 Datasheet
381Kb / 4P
   GAS GENERATOR SET
MTU6V0072GS40 MTU-MTU6V0072GS40 Datasheet
459Kb / 4P
   GAS GENERATOR SET
MTU12V0183GS400 MTU-MTU12V0183GS400 Datasheet
495Kb / 4P
   GAS GENERATOR SET
40-GC6NLT1 MTU-40-GC6NLT1_14 Datasheet
466Kb / 4P
   GAS GENERATOR SET
MTU4R0075GS30 MTU-MTU4R0075GS30 Datasheet
271Kb / 4P
   GAS GENERATOR SET
MTU8V0071GS60 MTU-MTU8V0071GS60 Datasheet
441Kb / 4P
   GAS GENERATOR SET
60-GC6NLT1-STANDBY MTU-60-GC6NLT1-STANDBY Datasheet
440Kb / 4P
   GAS GENERATOR SET
30-GC6NLT1 MTU-30-GC6NLT1_14 Datasheet
271Kb / 4P
   GAS GENERATOR SET
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com