データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3940 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3940
部品情報  LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3940 データシート(HTML) 3 Page - Texas Instruments

  LM3940 Datasheet HTML 1Page - Texas Instruments LM3940 Datasheet HTML 2Page - Texas Instruments LM3940 Datasheet HTML 3Page - Texas Instruments LM3940 Datasheet HTML 4Page - Texas Instruments LM3940 Datasheet HTML 5Page - Texas Instruments LM3940 Datasheet HTML 6Page - Texas Instruments LM3940 Datasheet HTML 7Page - Texas Instruments LM3940 Datasheet HTML 8Page - Texas Instruments LM3940 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LM3940
www.ti.com
SNVS114E – MAY 1999 – REVISED MARCH 2013
ELECTRICAL CHARACTERISTICS
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = 5V, IL = 1A, COUT = 33 μF.
Symbol
Parameter
Conditions
Typical
LM3940 (1)
Units
min
max
3.20
3.40
VO
Output Voltage
5 mA
≤ IL ≤ 1A
3.3
V
3.13
3.47
IL = 5 mA
Line Regulation
20
40
4.5V
≤ VIN ≤ 5.5V
(1)
mV
50
Load Regulation
50 mA
≤ IL ≤ 1A
35
80
(2)
IL (DC) = 100 mA
ZO
Output Impedance
IL (AC) = 20 mA (rms)
35
m
Ω
f = 120 Hz
4.5V
≤ VIN ≤ 5.5V
15
10
IL = 5 mA
20
IQ
Quiescent Current
mA
VIN = 5V
200
110
IL = 1A
250
BW = 10 Hz–100 kHz
en
Output Noise Voltage
150
μV (rms)
IL = 5 mA
0.8
IL = 1A
0.5
V
1.0
Dropout Voltage
VDO
(2)
150
IL = 100 mA
110
mV
200
IL(SC)
Short Circuit Current
RL = 0
1.7
1.2
A
(1)
All limits specified for TJ = 25°C are 100% tested and are used to calculate Outgoing Quality Levels. All limits at temperature extremes
are verified via correlation using standard Statistical Quality Control (SQC) methods.
(2)
Dropout voltage is defined as the input-output differential voltage where the regulator output drops to a value that is 100 mV below the
value that is measured at VIN = 5V.
THERMAL PERFORMANCE
3-Lead TO-220
4
°C/W
Thermal Resistance, Junction-to-Case,
θJC
3-Lead DDPAK/TO-263
4
°C/W
8-Lead WSON
6
°C/W
3-Lead TO-220
60
°C/W
Thermal Resistance, Junction-to-Ambient,
θJA
3-Lead DDPAK/TO-263
80
°C/W
8-Lead WSON (1)
35
°C/W
(1)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ, the junction-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. Exceeding the maximum allowable power dissipation will cause excessive die
temperature, and the regulator will go into thermal shutdown. The value of
θJA (for devices in still air with no heatsink) is 60°C/W for the
TO-220 package, 80°C/W for the DDPAK/TO-263 package, and 174°C/W for the SOT-223 package. The effective value of
θJA can be
reduced by using a heatsink (see APPLICATION HINTS for specific information on heatsinking). The value of
θJA for the WSON
package is specifically dependant on PCB trace area, trace material, and the number of layers and thermal vias. For improved thermal
resistance and power dissipation for the WSON package, refer to Application Note AN-1187 SNOA401. The
θJA rating for the WSON is
with a JESD51-7 test board having 6 thermal vias under the exposed pad.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3940


同様の部品番号 - LM3940

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3940 NSC-LM3940 Datasheet
291Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
List of Unclassifed Man...
LM3940 ETC-LM3940 Datasheet
145Kb / 3P
   1.25A High Current Low Dropout
logo
National Semiconductor ...
LM3940 NSC-LM3940 Datasheet
367Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
Seme LAB
LM3940 SEME-LAB-LM3940 Datasheet
84Kb / 4P
   1 AMP LOW DROPOUT REGULATOR FOR
logo
Texas Instruments
LM3940 TI1-LM3940 Datasheet
1Mb / 18P
[Old version datasheet]   LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
More results

同様の説明 - LM3940

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3940 TI1-LM3940 Datasheet
1Mb / 18P
[Old version datasheet]   LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
National Semiconductor ...
LM3940 NSC-LM3940 Datasheet
291Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
LM3940 NSC-LM3940_03 Datasheet
367Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
Texas Instruments
LM3940 TI-LM3940_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3940 1-A Low-Dropout Regulator for 5-V to 3.3-V Conversion
logo
Global Mixed-mode Techn...
G960 GMT-G960 Datasheet
56Kb / 1P
   3.3V 1A Low Dropout Regulator
logo
List of Unclassifed Man...
G960 ETC-G960 Datasheet
100Kb / 7P
   3.3V 1A Low Dropout Regulator
logo
Silicon Standard Corp.
SS8027G SSC-SS8027G Datasheet
299Kb / 10P
   3.3V 1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
G98MXX GMT-G98MXX Datasheet
77Kb / 1P
   5V~12V 1A Low Dropout Regulator
G9105 GMT-G9105 Datasheet
404Kb / 9P
   5V 1A Low Dropout Regulator with Enable
logo
First Components Intern...
FGM78R05 FCI-FGM78R05 Datasheet
206Kb / 7P
   1A / 5V Output low dropout voltage regulator;
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com