データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7685 データシート(PDF) 3 Page - Analog Devices

部品番号 AD7685
部品情報  Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7685 データシート(HTML) 3 Page - Analog Devices

  AD7685 Datasheet HTML 1Page - Analog Devices AD7685 Datasheet HTML 2Page - Analog Devices AD7685 Datasheet HTML 3Page - Analog Devices AD7685 Datasheet HTML 4Page - Analog Devices AD7685 Datasheet HTML 5Page - Analog Devices AD7685 Datasheet HTML 6Page - Analog Devices AD7685 Datasheet HTML 7Page - Analog Devices AD7685 Datasheet HTML 8Page - Analog Devices AD7685 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
AD7903
Data Sheet
Rev. A | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Timing Specifications .................................................................. 5
 
Absolute Maximum Ratings............................................................ 6
 
ESD Caution.................................................................................. 6
 
Pin Configuration and Function Descriptions............................. 7
 
Typical Performance Characteristics ............................................. 8
 
Terminology .................................................................................... 13
 
Theory of Operation ...................................................................... 14
 
Circuit Information.................................................................... 14
 
Converter Operation.................................................................. 14
 
Typical Connection Diagram ................................................... 15
 
Analog Inputs ............................................................................. 15
 
Driver Amplifier Choice ........................................................... 16
 
Single-to-Differential Driver .................................................... 16
 
Voltage Reference Input ............................................................ 17
 
Power Supply............................................................................... 17
 
Digital Interface.......................................................................... 17
 
CS Mode ...................................................................................... 18
 
Chain Mode ................................................................................ 22
 
Applications Information .............................................................. 24
 
Simultaneous Sampling ............................................................. 24
 
Functional Safety Considerations ............................................ 25
 
Layout............................................................................................... 26
 
Evaluating Performance of the AD7903.................................. 26
 
Outline Dimensions ....................................................................... 27
 
Ordering Guide .......................................................................... 27
 
REVISION HISTORY
1/14—Rev. 0 to Rev. A
Change to Gain Error Temperature Drift Parameter .................. 3
Changes to Figure 12........................................................................ 9
Changes to Figure 17 and Figure 20............................................. 10
Changes to Figure 28...................................................................... 11
12/13—Revision 0: Initial Version


同様の部品番号 - AD7685

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7685 AD-AD7685 Datasheet
480Kb / 20P
   3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. 0
AD7685 AD-AD7685 Datasheet
526Kb / 24P
   16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. PrB
AD7685 AD-AD7685 Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
AD7685 AD-AD7685 Datasheet
292Kb / 12P
   16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
AD7685 AD-AD7685 Datasheet
421Kb / 16P
   16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
REV. A
More results

同様の説明 - AD7685

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7903 AD-AD7903 Datasheet
1Mb / 29P
   Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
AD7902 AD-AD7902_17 Datasheet
681Kb / 29P
   Dual Pseudo Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
logo
List of Unclassifed Man...
AD7902BRQZ ETC2-AD7902BRQZ Datasheet
1Mb / 29P
   Dual Pseudo Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
logo
Analog Devices
AD7626 AD-AD7626_09 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
   16-Bit, 10 MSPS, PulSAR Differential ADC
AD7626 AD-AD7626_10 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
   16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7985 AD-AD7985_17 Datasheet
569Kb / 29P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
AD7985 AD-AD7985 Datasheet
585Kb / 28P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7625 AD-AD7625_17 Datasheet
1,008Kb / 25P
   16-Bit, 6 MSPS, PulSAR Differential ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com