データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FCD900N60Z データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FCD900N60Z
部品情報  FCD900N60Z N-Channel SuperFET II MOSFET 600 V, 4.5 A, 900 m廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCD900N60Z データシート(HTML) 1 Page - Fairchild Semiconductor

  FCD900N60Z Datasheet HTML 1Page - Fairchild Semiconductor FCD900N60Z Datasheet HTML 2Page - Fairchild Semiconductor FCD900N60Z Datasheet HTML 3Page - Fairchild Semiconductor FCD900N60Z Datasheet HTML 4Page - Fairchild Semiconductor FCD900N60Z Datasheet HTML 5Page - Fairchild Semiconductor FCD900N60Z Datasheet HTML 6Page - Fairchild Semiconductor FCD900N60Z Datasheet HTML 7Page - Fairchild Semiconductor FCD900N60Z Datasheet HTML 8Page - Fairchild Semiconductor FCD900N60Z Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
December 2013
©2012 Fairchild Semiconductor Corporation
FCD900N60Z Rev. C3
www.fairchildsemi.com
1
D-PAK
G
S
D
G
D
S
FCD900N60Z
N-Channel SuperFET® II MOSFET
600 V, 4.5 A, 900 m
Ω
Features
•650 V @ TJ = 150°C
•Typ. RDS(on) = 820 mΩ
• Ultra Low Gate Charge (Typ. Qg = 13 nC)
• Low Effective Output Capacitance (Typ. Coss(eff.) = 49 pF)
• 100% Avalanche Tested
• ESD Improved Capacity
•RoHS Compliant
Applications
• LCD / LED / PDP TV and Monitor Lighting
• Solar Inverter
• Charger
Description
SuperFET® II MOSFET is Fairchild Semiconductor’s brand-new
high voltage super-junction (SJ) MOSFET family that is utilizing
charge balance technology for outstanding low on-resistance
and lower gate charge performance. This technology is tailored
to minimize conduction loss, provide superior switching perfor-
mance, dv/dt rate and higher avalanche energy. Consequently,
SuperFET II MOSFET is very suitable for the switching power
applications such as PFC, server/telecom power, FPD TV
power, ATX power and industrial power applications.
Absolute Maximum Ratings T
C = 25
oC unless otherwise noted.
Thermal Characteristics
Symbol
Parameter
FCD900N60Z
Unit
VDSS
Drain to Source Voltage
600
V
VGSS
Gate to Source Voltage
- DC
±20
V
- AC
(f > 1Hz)
±30
V
ID
Drain Current
- Continuous (TC = 25oC)
4.5
A
- Continuous (TC = 100oC)
3.5
IDM
Drain Current
- Pulsed
(Note 1)
13.5
A
EAS
Single Pulsed Avalanche Energy
(Note 2)
47.5
mJ
IAR
Avalanche Current
(Note 1)
1
A
EAR
Repetitive Avalanche Energy
(Note 1)
0.52
mJ
dv/dt
MOSFET dv/dt
100
V/ns
Peak Diode Recovery dv/dt
(Note 3)
20
PD
Power Dissipation
(TC = 25oC)
52
W
- Derate Above 25oC0.42
W/oC
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temperature for Soldering, 1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
FCD900N60Z
Unit
RθJC
Thermal Resistance, Junction to Case, Max.
2.4
oC/W
RθJA
Thermal Resistance, Junction to Ambient, Max.
100
oC/W


同様の部品番号 - FCD900N60Z

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
FCD900N60Z ISC-FCD900N60Z Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - FCD900N60Z

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FCPF600N60ZL1-F154 ONSEMI-FCPF600N60ZL1-F154 Datasheet
294Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 7.4 A, 600 m
December, 2020 - Rev. 0
logo
Fairchild Semiconductor
FCH041N60F-ND FAIRCHILD-FCH041N60F-ND Datasheet
600Kb / 9P
   FCH041N60F N-Channel SuperFET II FRFET MOSFET 600 V, 76 A, 41 m廓
FCPF190N60_F152-ND FAIRCHILD-FCPF190N60_F152-ND Datasheet
655Kb / 10P
   FCP190N60 / FCPF190N60 N-Channel SuperFET II MOSFET 600 V, 20.2 A, 199 m廓
FCH072N60F-ND FAIRCHILD-FCH072N60F-ND Datasheet
597Kb / 9P
   FCH072N60F N-Channel SuperFET II FRFET MOSFET 600 V, 52 A, 72 m廓
FCPF380N60_F152-ND FAIRCHILD-FCPF380N60_F152-ND Datasheet
653Kb / 10P
   FCP380N60 / FCPF380N60 N-Channel SuperFET II MOSFET 600 V, 10.2 A, 380 m廓
logo
ON Semiconductor
FCPF380N60E-F154 ONSEMI-FCPF380N60E-F154 Datasheet
263Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 10.2 A, 380 m
December, 2020 - Rev. 0
FCPF190N60-F154 ONSEMI-FCPF190N60-F154 Datasheet
160Kb / 9P
   MOSFET – N-Channel, SUPERFET II 600 V, 20.2 A, 199 m
August, 2021 - Rev. 1
FCPF380N60-F154 ONSEMI-FCPF380N60-F154 Datasheet
253Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 10.2 A, 380 m
December, 2020 - Rev. 0
FCPF260N60E-F154 ONSEMI-FCPF260N60E-F154 Datasheet
268Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 15 A, 260 m
December, 2020 - Rev. 0
FCPF190N60E-F154 ONSEMI-FCPF190N60E-F154 Datasheet
254Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 20.6 A, 190 m
December, 2020 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com