データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC010B データシート(PDF) 7 Page - Lineage Power Corporation

部品番号 LC010B
部品情報  LC/LW010- and LC/LW015-Series Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINEAGEPOWER [Lineage Power Corporation]
ホームページ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

LC010B データシート(HTML) 7 Page - Lineage Power Corporation

Back Button LC010B Datasheet HTML 3Page - Lineage Power Corporation LC010B Datasheet HTML 4Page - Lineage Power Corporation LC010B Datasheet HTML 5Page - Lineage Power Corporation LC010B Datasheet HTML 6Page - Lineage Power Corporation LC010B Datasheet HTML 7Page - Lineage Power Corporation LC010B Datasheet HTML 8Page - Lineage Power Corporation LC010B Datasheet HTML 9Page - Lineage Power Corporation LC010B Datasheet HTML 10Page - Lineage Power Corporation LC010B Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
March 27, 2008
Lineage Power
7
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Electrical Specifications (continued)
Output Voltage Set-point Adjustment Range
(optional: single outputs only)
A, B, F
C
D
90
90
90
110
100
125
%VO, nom
%VO, nom
%VO, nom
Output Overvoltage Clamp
(VO, clamp may be set higher on units with out-
put voltage set-point adjustment option.)
D
F
A
B
C
AJ
BK
CL
VO, clamp
VO, clamp
VO, clamp
VO, clamp
VO, clamp
VO1, clamp
VO2, clamp
VO1, clamp
VO2, clamp
VO1, clamp
VO2, clamp
2.60
3.7
5.6
13.2
16.5
5.6
–5.6
13.2
–13.2
16.5
–16.5
4.0
5.7
7.0
16.0
21.0
7.0
–7.0
18.0
–18.0
21.0
–21.0
V
V
V
V
V
V
V
V
V
V
V
Undervoltage Lockout
LCxxx
LWxxx
Vuvlo
Vuvlo
11
20
14
27
V
V
Table 5. Feature Specifications (continued)
Parameter
Device Code
or Suffix
Symbol
Min
Typ
Max
Unit
Characteristic Curves
8-1785(C)
Figure 1. LC010 Input Current vs. Input Voltage at
IO = IO, max and TC = 25 °C
8-1786(C)
Figure 2. LC015 Input Current vs. Input Voltage at
IO = IO, max and TC = 25 °C
5
10
15
25
20
30
0.0
0.6
INPUT VOLTAGE, V I (V)
0.4
0.3
0.5
35
0.8
40
0
0.7
0.2
0.1
0.9
0.4
0.0
0.8
1.2
1.4
0.2
0.6
1.0
5
10
15
35
20
40
0
30
25
INPUT VOLTAGE, V I (V)


同様の部品番号 - LC010B

メーカー部品番号データシート部品情報
logo
Tyco Electronics
LC010B MACOM-LC010B Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
LC010B GE-LC010B Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC010B LINEAGEPOWER-LC010B Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Tyco Electronics
LC010BK MACOM-LC010BK Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
LC010BK GE-LC010BK Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results

同様の説明 - LC010B

メーカー部品番号データシート部品情報
logo
General Semiconductor
LC015D GE-LC015D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015A91 LINEAGEPOWER-LC015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW015A91 LINEAGEPOWER-LW015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
General Semiconductor
JC030D-M GE-JC030D-M Datasheet
738Kb / 20P
   JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com