データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM108AWGRQML データシート(PDF) 7 Page - Texas Instruments

部品番号 LM108AWGRQML
部品情報  LM108/LM108AQML Operational Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM108AWGRQML データシート(HTML) 7 Page - Texas Instruments

Back Button LM108AWGRQML Datasheet HTML 3Page - Texas Instruments LM108AWGRQML Datasheet HTML 4Page - Texas Instruments LM108AWGRQML Datasheet HTML 5Page - Texas Instruments LM108AWGRQML Datasheet HTML 6Page - Texas Instruments LM108AWGRQML Datasheet HTML 7Page - Texas Instruments LM108AWGRQML Datasheet HTML 8Page - Texas Instruments LM108AWGRQML Datasheet HTML 9Page - Texas Instruments LM108AWGRQML Datasheet HTML 10Page - Texas Instruments LM108AWGRQML Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Quality Conformance Inspection
Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp (˚C)
1
Static tests at
+25˚C
2
Static tests at
+125˚C
3
Static tests at
−55˚C
4
Dynamic tests at
+25˚C
5
Dynamic tests at
+125˚C
6
Dynamic tests at
−55˚C
7
Functional tests at
+25˚C
8A
Functional tests at
+125˚C
8B
Functional tests at
−55˚C
9
Switching tests at
+25˚C
10
Switching tests at
+125˚C
11
Switching tests at
−55˚C
LM108 Electrical Characteristics
DC Parameters
The following conditions apply to all the following parameters, unless otherwise specified.
V
CC = ±20V, VCM =0V
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
V
IO
Input Offset Voltage
V
CM = -15V
-2.0
2.0
mV
1
-3.0
3.0
mV
2, 3
V
CM = 15V
-2.0
2.0
mV
1
-3.0
3.0
mV
2, 3
-2.0
2.0
mV
1
-3.0
3.0
mV
2, 3
V
CC =±5V
-2.0
2,0
mV
1
-3.0
3.0
mV
2, 3
I
IO
Input Offset Current
V
CM = -15V
-0.2
0.2
nA
1
-0.4
0.4
nA
2, 3
V
CM = 15V
-0.2
0.2
nA
1
-0.4
0.4
nA
2, 3
-0.2
0.2
nA
1
-0.4
0.4
nA
2, 3
V
CC = ±5V
-0.2
0.2
nA
1
-0.4
0.4
nA
2, 3
±I
IB
Input Bias Current
V
CM = -15V
-0.1
2.0
nA
1
-1.0
3.0
nA
2,
−0.1
3.0
nA
3
V
CM = 15V
-0.1
2.0
nA
1
-1.0
3.0
nA
2,
−0.1
3.0
nA
3
-0.1
2.0
nA
1
-1.0
3.0
nA
2,
−0.1
3.0
nA
3
V
CC = ±5V
-0.1
2.0
nA
1
-1.0
3.0
nA
2,
−0.1
3.0
nA
3
PSRR
Power Supply Rejection ±Ratio ±20V <= Vcc <= ±5V
80
dB
1, 2, 3
www.national.com
6


同様の部品番号 - LM108AWGRQML

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM108A NSC-LM108A Datasheet
158Kb / 8P
   Operational Amplifiers
logo
Linear Technology
LM108A LINER-LM108A Datasheet
451Kb / 8P
   Operational Amplifiers?
LM108A LINER-LM108A Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM108A TI1-LM108A Datasheet
408Kb / 10P
[Old version datasheet]   LM108A LM208A LM308A Operational Amplifiers
LM108A-N TI1-LM108A-N Datasheet
408Kb / 10P
[Old version datasheet]   LM108A LM208A LM308A Operational Amplifiers
More results

同様の説明 - LM108AWGRQML

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM108AQML TI-LM108AQML_15 Datasheet
659Kb / 21P
[Old version datasheet]   LM108-N/LM108AQML Operational Amplifiers
LM208-N TI1-LM208-N Datasheet
1Mb / 20P
[Old version datasheet]   LM108/LM208/LM308 Operational Amplifiers
logo
Rochester Electronics
LM108 ROCHESTER-LM108 Datasheet
337Kb / 4P
   OPERATIONAL AMPLIFIER Industry Part Number LM108
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com