データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLML2030TRPBF データシート(PDF) 10 Page - International Rectifier

部品番号 IRLML2030TRPBF
部品情報  HEXFETPower MOSFET Load/ System Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLML2030TRPBF データシート(HTML) 10 Page - International Rectifier

Back Button IRLML2030TRPBF Datasheet HTML 2Page - International Rectifier IRLML2030TRPBF Datasheet HTML 3Page - International Rectifier IRLML2030TRPBF Datasheet HTML 4Page - International Rectifier IRLML2030TRPBF Datasheet HTML 5Page - International Rectifier IRLML2030TRPBF Datasheet HTML 6Page - International Rectifier IRLML2030TRPBF Datasheet HTML 7Page - International Rectifier IRLML2030TRPBF Datasheet HTML 8Page - International Rectifier IRLML2030TRPBF Datasheet HTML 9Page - International Rectifier IRLML2030TRPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRLML2030TRPbF
10
www.irf.com
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.11/2009
†
Qualification standards can be found at International Rectifier’s web site
http://www.irf.com/product-info/reliability
††
Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information:
http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Pulse width ≤ 400μs; duty cycle ≤ 2%.
ƒ Surface mounted on 1 in square Cu board
„ Refer to application note #AN-994.
MS L1
(per IPC/JE DEC J-S T D-020D
††† )
RoHS compliant
Yes
Micro3
Qualification information
Moisture Sensitivity Level
Qualification level
Consumer
††
(per JEDE C JE S D47F
††† guidelines )
Note
Form
Quantity
IRLML2030TRPbF
Micro3
Tape and Reel
3000
Orderable part number
Package Type
Standard Pack


同様の部品番号 - IRLML2030TRPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLML2030TRPBF IRF-IRLML2030TRPBF Datasheet
272Kb / 10P
   HEXFET Power MOSFET
logo
ZP Semiconductor
IRLML2030TRPBF ZPSEMI-IRLML2030TRPBF Datasheet
250Kb / 2P
   HEXFETPower MOSFET
logo
VBsemi Electronics Co.,...
IRLML2030TRPBF VBSEMI-IRLML2030TRPBF Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Infineon Technologies A...
IRLML2030TRPBF INFINEON-IRLML2030TRPBF Datasheet
2Mb / 31P
   REF_Fridge_D111T_MOS user guide Refrigerator compressor driver reference design kit
V1.0 2020-10-16
IRLML2030TRPBF INFINEON-IRLML2030TRPBF Datasheet
2Mb / 47P
   iMOTION™ Modular Application Design Kit
Revision 1.4 2020-07-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com