データシートサーチシステム |
|
LCE65A データシート(PDF) 4 Page - Socay Electornics Co., Ltd. |
|
LCE65A データシート(HTML) 4 Page - Socay Electornics Co., Ltd. |
4 / 5 page Axial Lead Transient Voltage Suppressors (TVS) Revision September 25, 2013 4 / 5 @ SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. LCE Series 6.5 To 90 V 1500W Low Capacitance SOCAY Electronics Co., Ltd. www.socay.com Temperature Cycle JESD22-A104 Weight 0.032 ounce, 0.9 gram Pressure Cooker JESD22-A102 Case JEDEC DO-201 Molded Plastic over glass passivated junction High Temp. Storage JESD22-A103 Polarity Color band denotes cathode except Bipolar HTRB JESD22-A108 Terminal Matte Tin-plated leads, Solderable per JESD22-B102D Thermal Shock JESD22-A106 Reflow Condition Lead –free assembly -Temperature Min (Ts(min)) 150 °C -Temperature Max (Ts(max)) 200 °C Pre Heat - Time (min to max) (Ts) 60 -180 Seconds Average ramp up rate ( Liquidus Temp TL) to peak 3 °C/second max TS(max) to TL - Ramp-up Rate 3 °C/second max - Temperature (TL) (Liquidus) 217 °C Reflow - Time (min to max) (TL) 60 -150 Seconds Peak Temperature (TP) 260 +0/-5 °C Time within 5 °C of actual peak Temperature (tp) 20 -40 Seconds Ramp-down Rate 6 °C/second max Time 25 °C to peak Temperature (T P) 8 minutes Max Do not exceed 280 °C Inches Millimeters Dimensions Min Max Min Max A 1.000 - 25.40 - B 0.285 0.375 7.24 9.53 C 0.038 0.042 0.97 1.07 D 0.189 0.209 4.79 5.30 Ramp-down Preheat Critical Zone TL to TP Time to peak temperature (t 25℃ to peak) TP TL TS(max) TS(min) 25 Ramp-up Time Ratings and Characteristic Curves (TA=25°C unless otherwise noted) (Continued) Physical Specifications Environmental Specifications Dimensions Soldering Parameters DO-201 Cathode Band |
同様の部品番号 - LCE65A |
|
同様の説明 - LCE65A |