データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5686ACPZ-RL7 データシート(PDF) 1 Page - Analog Devices

部品番号 AD5686ACPZ-RL7
部品情報  Quad, 16-/12-Bit nanoDAC with SPI Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5686ACPZ-RL7 データシート(HTML) 1 Page - Analog Devices

  AD5686ACPZ-RL7 Datasheet HTML 1Page - Analog Devices AD5686ACPZ-RL7 Datasheet HTML 2Page - Analog Devices AD5686ACPZ-RL7 Datasheet HTML 3Page - Analog Devices AD5686ACPZ-RL7 Datasheet HTML 4Page - Analog Devices AD5686ACPZ-RL7 Datasheet HTML 5Page - Analog Devices AD5686ACPZ-RL7 Datasheet HTML 6Page - Analog Devices AD5686ACPZ-RL7 Datasheet HTML 7Page - Analog Devices AD5686ACPZ-RL7 Datasheet HTML 8Page - Analog Devices AD5686ACPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Quad, 16-/12-Bit nanoDAC+
with SPI Interface
Data Sheet
AD5686/AD5684
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High relative accuracy (INL):
±2 LSB maximum @ 16 bits
Tiny package: 3 mm × 3 mm, 16-lead LFCSP
Total unadjusted error (TUE): ±0.1% of FSR maximum
Offset error: ±1.5 mV maximum
Gain error: ±0.1% of FSR maximum
High drive capability: 20 mA, 0.5 V from supply rails
User selectable gain of 1 or 2 (GAIN pin)
Reset to zero scale or midscale (RSTSEL pin)
1.8 V logic compatibility
50 MHz SPI with readback or daisy chain
Low glitch: 0.5 nV-sec
Robust 4 kV HBM and 1.5 kV FICDM ESD rating
Low power: 1.8 mW at 3 V
2.7 V to 5.5 V power supply
−40°C to +105°C temperature range
APPLICATIONS
Digital gain and offset adjustment
Programmable attenuators
Process control (PLC I/O cards)
Industrial automation
Data acquisition systems
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The AD5686/AD5684, members of the nanoDAC+™ family, are
low power, quad, 16-/12-bit buffered voltage output DACs.
The devices include a gain select pin giving a full-scale output
of 2.5 V (gain = 1) or 5 V (gain = 2). All devices operate from
a single 2.7 V to 5.5 V supply, are guaranteed monotonic by
design, and exhibit less than 0.1% FSR gain error and 1.5 mV
offset error performance. The devices are available in a 3 mm
× 3 mm LFCSP and a TSSOP package.
The AD5686/AD5684 also incorporate a power-on reset circuit
and a RSTSEL pin that ensures that the DAC outputs power up
to zero scale or midscale and remain at that level until a valid
write takes place. Each part contains a per-channel power-down
feature that reduces the current consumption of the device to
4 µA at 3 V while in power-down mode.
The AD5686/AD5684 employ a versatile SPI interface that
operates at clock rates up to 50 MHz, and all devices contain
a VLOGIC pin intended for 1.8 V/3 V/5 V logic.
Table 1. Quad nanoDAC+ Devices
Interface
Reference
16-Bit
14-Bit
12-Bit
SPI
Internal
AD5686R
AD5685R
AD5684R
SPI
External
AD5686
AD5684
I2C
Internal
AD5696R
AD5695R
AD5694R
I2C
External
AD5696
AD5694
PRODUCT HIGHLIGHTS
1. High Relative Accuracy (INL).
AD5686 (16-bit): ±2 LSB maximum
AD5684 (12-bit): ±1 LSB maximum
2. Excellent DC Performance.
Total unadjusted error: ±0.1% of FSR maximum
Offset error: ±1.5 mV maximum
Gain error: ±0.1% of FSR maximum
3. Two Package Options.
3 mm × 3 mm, 16-lead LFCSP
16-lead TSSOP
SCLK
VLOGIC
SYNC
SDIN
SDO
INPUT
REGISTER
DAC
REGISTER
STRING
DAC A
BUFFER
VOUTA
INPUT
REGISTER
DAC
REGISTER
STRING
DAC B
BUFFER
VOUTB
INPUT
REGISTER
DAC
REGISTER
STRING
DAC C
BUFFER
VOUTC
INPUT
REGISTER
DAC
REGISTER
STRING
DAC D
BUFFER
VOUTD
VREF
GND
VDD
POWER-
DOWN
LOGIC
POWER-ON
RESET
GAIN
×1/×2
RSTSEL
GAIN
LDAC RESET
AD5686/AD5684


同様の部品番号 - AD5686ACPZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5686ACPZ-RL7 AD-AD5686ACPZ-RL7 Datasheet
746Kb / 27P
   Quad, 16-/12-Bit nanoDAC
More results

同様の説明 - AD5686ACPZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5689 AD-AD5689 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5694ARUZ AD-AD5694ARUZ Datasheet
664Kb / 24P
   Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
AD5696 AD-AD5696 Datasheet
748Kb / 24P
   Quad 16-/12-Bit nanoDAC I2C Interface
AD5024 AD-AD5024_16 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
AD5686 AD-AD5686 Datasheet
746Kb / 27P
   Quad, 16-/12-Bit nanoDAC
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5317R AD-AD5317R Datasheet
1Mb / 28P
   Quad, 10-Bit nanoDAC Reference, SPI Interface
AD5601 AD-AD5601_16 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
AD5696R AD-AD5696R_17 Datasheet
1,021Kb / 29P
   Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com