データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5686BRUZ-RL7 データシート(PDF) 6 Page - Analog Devices

部品番号 AD5686BRUZ-RL7
部品情報  Quad, 16-/12-Bit nanoDAC with SPI Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5686BRUZ-RL7 データシート(HTML) 6 Page - Analog Devices

Back Button AD5686BRUZ-RL7 Datasheet HTML 2Page - Analog Devices AD5686BRUZ-RL7 Datasheet HTML 3Page - Analog Devices AD5686BRUZ-RL7 Datasheet HTML 4Page - Analog Devices AD5686BRUZ-RL7 Datasheet HTML 5Page - Analog Devices AD5686BRUZ-RL7 Datasheet HTML 6Page - Analog Devices AD5686BRUZ-RL7 Datasheet HTML 7Page - Analog Devices AD5686BRUZ-RL7 Datasheet HTML 8Page - Analog Devices AD5686BRUZ-RL7 Datasheet HTML 9Page - Analog Devices AD5686BRUZ-RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD5686/AD5684
Data Sheet
Rev. A | Page 6 of 28
TIMING CHARACTERISTICS
All input signals are specified with tR = tF = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. See Figure 2.
VDD = 2.7 V to 5.5 V, 1.8 V ≤ VLOGIC ≤ 5.5 V; VREF = 2.5 V. All specifications TMIN to TMAX, unless otherwise noted.
Table 4.
1.8 V ≤ VLOGIC < 2.7 V
2.7 V ≤ VLOGIC ≤ 5.5 V
Parameter1
Symbol
Min
Max
Min
Max
Unit
SCLK Cycle Time
t1
33
20
ns
SCLK High Time
t2
16
10
ns
SCLK Low Time
t3
16
10
ns
SYNC to SCLK Falling Edge Setup Time
t4
15
10
ns
Data Setup Time
t5
8
5
ns
Data Hold Time
t6
8
5
ns
SCLK Falling Edge to SYNC Rising Edge
t7
15
10
ns
Minimum SYNC High Time
t8
20
20
ns
SYNC Falling Edge to SCLK Fall Ignore
t9
16
10
ns
LDAC Pulse Width Low
t10
25
15
ns
SCLK Falling Edge to LDAC Rising Edge
t11
30
20
ns
SCLK Falling Edge to LDAC Falling Edge
t12
20
20
ns
RESET Minimum Pulse Width Low
t13
30
30
ns
RESET Pulse Activation Time
t14
30
30
ns
Power-Up Time2
4.5
4.5
μs
1 Maximum SCLK frequency is 50 MHz at VDD = 2.7 V to 5.5 V, 1.8 V ≤ VLOGIC ≤ VDD. Guaranteed by design and characterization; not production tested.
2 Time to exit power-down to normal mode of AD5686/AD5684 operation, 32nd clock edge to 90% of DAC midscale value, with output unloaded.
Figure 2. Serial Write Operation
t4
t3
SCLK
SYNC
SDIN
t1
t2
t5
t6
t7
t8
DB23
t9
t10
t11
LDAC1
LDAC2
t12
1ASYNCHRONOUS LDAC UPDATE MODE.
2SYNCHRONOUS LDAC UPDATE MODE.
RESET
t13
t14
VOUT
DB0


同様の部品番号 - AD5686BRUZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5686BRUZ-RL7 AD-AD5686BRUZ-RL7 Datasheet
746Kb / 27P
   Quad, 16-/12-Bit nanoDAC
More results

同様の説明 - AD5686BRUZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5689 AD-AD5689 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5694ARUZ AD-AD5694ARUZ Datasheet
664Kb / 24P
   Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
AD5696 AD-AD5696 Datasheet
748Kb / 24P
   Quad 16-/12-Bit nanoDAC I2C Interface
AD5024 AD-AD5024_16 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
AD5686 AD-AD5686 Datasheet
746Kb / 27P
   Quad, 16-/12-Bit nanoDAC
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5317R AD-AD5317R Datasheet
1Mb / 28P
   Quad, 10-Bit nanoDAC Reference, SPI Interface
AD5601 AD-AD5601_16 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
AD5696R AD-AD5696R_17 Datasheet
1,021Kb / 29P
   Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com