データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT22C10JI-20TE13 データシート(PDF) 1 Page - Catalyst Semiconductor

部品番号 CAT22C10JI-20TE13
部品情報  256-Bit Nonvolatile CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT22C10JI-20TE13 データシート(HTML) 1 Page - Catalyst Semiconductor

  CAT22C10JI-20TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT22C10JI-20TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT22C10JI-20TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT22C10JI-20TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT22C10JI-20TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT22C10JI-20TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT22C10JI-20TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT22C10JI-20TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT22C10JI-20TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
CAT22C10
256-Bit Nonvolatile CMOS Static RAM
FEATURES
s Single 5V Supply
s Fast RAM Access Times:
–200ns
–300ns
s Infinite E2PROM to RAM Recall
s CMOS and TTL Compatible I/O
s Power Up/Down Protection
s 100,000 Program/Erase Cycles (E2PROM)
s Low CMOS Power Consumption:
–Active: 40mA Max.
–Standby: 30
µA Max.
s JEDEC Standard Pinouts:
–18-pin DIP
–16-pin SOIC
s 10 Year Data Retention
s Commercial, Industrial and Automotive
Temperature Ranges
DESCRIPTION
The CAT22C10 NVRAM is a 256-bit nonvolatile memory
organized as 64 words x 4 bits. The high speed Static
RAM array is bit for bit backed up by a nonvolatile
E2PROM array which allows for easy transfer of data
from RAM array to E2PROM (STORE) and from
E2PROM to RAM (RECALL). STORE operations are
completed in 10ms max. and RECALL operations typi-
cally within 1.5
µs. The CAT22C10 features unlimited
RAM write operations either through external RAM
PIN CONFIGURATION
PIN FUNCTIONS
Pin Name
Function
A0–A5
Address
I/O0–I/O3
Data In/Out
WE
Write Enable
CS
Chip Select
RECALL
Recall
STORE
Store
VCC
+5V
VSS
Ground
NC
No Connect
writes or internal recalls from E2PROM. Internal false
store protection circuitry prohibits STORE operations
when VCC is less than 3.0V.
The CAT22C10 is manufactured using Catalyst’s ad-
vanced CMOS floating gate technology. It is designed
to endure 100,000 program/erase cycles (E2PROM)
and has a data retention of 10 years. The device is
available in JEDEC approved 18-pin plastic DIP and 16-
pin SOIC packages.
SOIC Package (J)
DIP Package (P)
© 1998 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
NC
A4
A3
A2
Vss
A1
CS
STORE
A0
NC
Vcc
A5
I/O3
I/O2
I/O1
I/O0
WE
RECALL
1
2
3
4
5
6
7
8
9
14
13
11
10
12
15
16
17
18
1
2
3
4
5
6
7
8
14
13
11
10
9
12
15
16
A1
A2
A3
A4
A0
A5
Vcc
I/O4
I/O3
I/O2
I/O1
Vss
WE
CS
STORE
RECALL
22C10 F01
22C10 F02
Doc. No. 25018-0A 2/98 N-1


同様の部品番号 - CAT22C10JI-20TE13

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT22C10JI-20-TE13 CATALYST-CAT22C10JI-20-TE13 Datasheet
508Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
More results

同様の説明 - CAT22C10JI-20TE13

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT22C10J-30 ONSEMI-CAT22C10J-30 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
logo
Catalyst Semiconductor
CAT22C10 CATALYST-CAT22C10_04 Datasheet
508Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
logo
ON Semiconductor
CAT22C10LI-20 ONSEMI-CAT22C10LI-20 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT22C10 ONSEMI-CAT22C10 Datasheet
177Kb / 10P
   256-Bit Nonvolatile CMOS Static RAM
Doc. No. MD-1082, Rev. R
CAT24C44 ONSEMI-CAT24C44_08 Datasheet
65Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44LI-G ONSEMI-CAT24C44LI-G Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44J ONSEMI-CAT24C44J Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44W ONSEMI-CAT24C44W Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44V ONSEMI-CAT24C44V Datasheet
67Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
CAT24C44P ONSEMI-CAT24C44P Datasheet
61Kb / 9P
   256-Bit Serial Nonvolatile CMOS Static RAM
Doc. No. MD-1083, Rev. T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com