データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT24C02CW-1.8 データシート(PDF) 1 Page - Catalyst Semiconductor

部品番号 CAT24C02CW-1.8
部品情報  2K-Bit Serial E2PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C02CW-1.8 データシート(HTML) 1 Page - Catalyst Semiconductor

  CAT24C02CW-1.8 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C02CW-1.8 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C02CW-1.8 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C02CW-1.8 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C02CW-1.8 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C02CW-1.8 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C02CW-1.8 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C02CW-1.8 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C02CW-1.8 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
CAT24C02C
2K-Bit Serial E2PROM
* Catalyst Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol.
DIE PAD CONFIGURATION
BLOCK DIAGRAM
PIN FUNCTIONS
Pin Name
Function
NC
No Connect
SDA
Serial Data/Address
SCL
Serial Clock
VCC
+1.8V to +6.0V Power Supply
VSS
Ground
DC
Don't Connect
FEATURES
s 400 KHZ I2C Bus Compatible*
s 1.8 to 6.0Volt Operation
s Low Power CMOS Technology
s Page Write Buffer
s Self-Timed Write Cycle with Auto-Clear
s 1,000,000 Program/Erase Cycles
s 100 Year Data Retention
DESCRIPTION
The CAT24C02C is a 2K-bit Serial CMOS E2PROM
internally organized as 256 words of 8 bits each. Catalyst’s
advanced CMOS technology substantially reduces de-
vice power requirements. The the CAT24C02C features
a 16-byte page write buffer. The device operates via the
I2C bus serial interface and has a ISO 7816 compatible
pinout.
© 1999 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 25086 -00 8/99
S-1
DOUT
ACK
SENSE AMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
START/STOP
LOGIC
STATE COUNTERS
SLAVE
ADDRESS
COMPARATORS
E2PROM
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGH VOLTAGE/
TIMING CONTROL
VSS
SCL
SDA
NC
NC
DC
DC
DC
VSS
VCC
SCL
SDA


同様の部品番号 - CAT24C02CW-1.8

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT24C02 CATALYST-CAT24C02 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C02 CATALYST-CAT24C02 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C02 ONSEMI-CAT24C02 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAT24C02 ONSEMI-CAT24C02 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C02 ONSEMI-CAT24C02 Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM PDIP?? L SUFFIX
February, 2013 ??Rev. 26
More results

同様の説明 - CAT24C02CW-1.8

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT35C102 CATALYST-CAT35C102 Datasheet
424Kb / 7P
   2K-Bit SERIAL E2PROM
CAT35C202 CATALYST-CAT35C202 Datasheet
379Kb / 6P
   2K-Bit SERIAL E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT35C104 CATALYST-CAT35C104 Datasheet
423Kb / 7P
   4K-Bit SERIAL E2PROM
CAT35C116 CATALYST-CAT35C116 Datasheet
431Kb / 7P
   16K-Bit SERIAL E2PROM
CAT33C101 CATALYST-CAT33C101 Datasheet
251Kb / 7P
   1K BIT SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com