データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TP13057B データシート(PDF) 5 Page - Texas Instruments

部品番号 TP13057B
部品情報  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TP13057B データシート(HTML) 5 Page - Texas Instruments

  TP13057B Datasheet HTML 1Page - Texas Instruments TP13057B Datasheet HTML 2Page - Texas Instruments TP13057B Datasheet HTML 3Page - Texas Instruments TP13057B Datasheet HTML 4Page - Texas Instruments TP13057B Datasheet HTML 5Page - Texas Instruments TP13057B Datasheet HTML 6Page - Texas Instruments TP13057B Datasheet HTML 7Page - Texas Instruments TP13057B Datasheet HTML 8Page - Texas Instruments TP13057B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TP3054B, TP3057B, TP13054B, TP13057B
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS042A – MAY 1990 – REVISED JULY 1996
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
supply current
PARAMETER
TEST CONDITIONS
TP305xB
TP1305xB
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
ICC
Supply current from VCC
Power down
No load
0.5
1
0.5
1.2
mA
ICC
Supply current from VCC
Active
No load
6
9
6
10
mA
IBB
Supply current from VBB
Power down
No load
0.5
1
0.5
1.2
mA
IBB
Supply current from VBB
Active
No load
6
9
6
10
mA
electrical characteristics at VCC = 5 V ±5%, VBB = –5 V ±5%, GND at 0 V, TA = 25°C (unless otherwise
noted)
digital interface
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOH
High-level output voltage
DX
IH = – 3.2 mA
2.4
V
VOL
Low level output voltage
DX
IL = 3.2 mA
0.4
V
VOL
Low-level output voltage
TSX
IL = 3.2 mA,
Drain open
0.4
V
IIH
High-level input current
VI = VIH to VCC
±10
µA
IIL
Low-level input current
All digital inputs
VI = GND to VIL
±10
µA
VOL
Output current in high-impedance state
DX
VO = GND to VCC
±10
µA
analog interface with transmit amplifier input
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
II
Input current
VFXI + or VFXI –
VI = – 2.5 V to 2.5 V
±200
nA
ri
Input resistance
VFXI + or VFXI –
VI = – 2.5 V to 2.5 V
10
M
ro
Output resistance
Closed loop,
Unity gain
1
3
Output dynamic range
GSX
RL ≥ 10 kΩ
±2.8
V
AV
Open-loop voltage amplification
VFXI + to GSX
5000
BI
Unity-gain bandwidth
GSX
1
2
MHz
VIO
Input offset voltage
VFXI + or VFXI –
±20
mV
CMRR
Common-mode rejection ratio
60
dB
KSVR
Supply-voltage rejection ratio
60
dB
† All typical values are at VCC = 5 V, VBB = –5 V, and TA = 25°C.
analog interface with receive filter
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Output resistance
VFRO
1
3
Load resistance
VFRO =
±2.5 V
600
Load capacitance
VFRO to GND
500
pF
Output dc offset voltage
VFRO to GND
±200
mV
† All typical values are at VCC = 5 V, VBB = –5 V, and TA = 25°C.


同様の部品番号 - TP13057B

メーカー部品番号データシート部品情報
logo
Texas Instruments
TP13057B TI-TP13057B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP13057BDW TI-TP13057BDW Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP13057BN TI-TP13057BN Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results

同様の説明 - TP13057B

メーカー部品番号データシート部品情報
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com