データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6138A2PWR データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA6138A2PWR
部品情報  DirectPath??Headphone Driver With Adjustable Gain
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6138A2PWR データシート(HTML) 5 Page - Texas Instruments

  TPA6138A2PWR Datasheet HTML 1Page - Texas Instruments TPA6138A2PWR Datasheet HTML 2Page - Texas Instruments TPA6138A2PWR Datasheet HTML 3Page - Texas Instruments TPA6138A2PWR Datasheet HTML 4Page - Texas Instruments TPA6138A2PWR Datasheet HTML 5Page - Texas Instruments TPA6138A2PWR Datasheet HTML 6Page - Texas Instruments TPA6138A2PWR Datasheet HTML 7Page - Texas Instruments TPA6138A2PWR Datasheet HTML 8Page - Texas Instruments TPA6138A2PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TPA6138A2
www.ti.com
SLOS704A
– JANUARY 2011 – REVISED MAY 2011
ELECTRICAL CHARACTERISTICS
VDD = 3.3 V, RDL = 32 Ω, Rfb = 30 kΩ, RIN = 15 kΩ, TA = 25°C, Charge pump: CP = 1 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOS|
Output offset voltage
VDD = 3.3 V
0.5
1
mV
PSRR
Power-supply rejection ratio
80
dB
VOH
High-level output voltage
VDD = 3.3 V
3.1
V
VOL
Low-level output voltage
VDD = 3.3 V
–3.05
V
VUVP_EX
External UVP detect voltage
1.25
V
VUVP_EX_HYSTERESIS
External UVP detect hysteresis current
5
µA
fCP
Charge-pump switching frequency
200
300
400
kHz
|IIH|
High-level input current, Mute
VDD = 3.3 V, VIH = VDD
1
µA
|IIL|
Low-level input current, Mute
VDD = 3.3 V, VIL = 0 V
1
µA
VDD = 3.3 V, no load, Mute = VDD, no load
5
14
25
IDD
Supply current
mA
VDD = 3.3 V, no load, Mute = GND,
14
disabled
OPERATING CHARACTERISTICS
VDD = 3.3 V, RDL = 32 Ω, Rfb = 30 kΩ, RIN = 15 kΩ, TA = 25°C, Charge pump: CP = 1 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power, outputs in phase
THD+N = 1%, VDD = 3.3 V, f = 1 kHz, RL = 32 Ω
40
mW
THD+N
Total harmonic distortion plus noise
VDD = 3.3V, f = 1kHz, RLD = 32Ω, Po = 10mW
0.01%
SNR
Signal-to-noise ratio(1)
A-weighted
90
96
dB
DNR
Dynamic range(2)
A-weighted
90
100
dB
VN
Noise voltage
A-weighted
13
μV
ZO
Output Impedance when muted
Mute = GND
110
m
Ω
Input-to-output attenuation when
Mute = GND
80
dB
muted
Crosstalk
—L to R, R to L
Po = 20 mW
–75
dB
ILIMIT
Current limit
PVDD = 3.3 V
50
mA
(1)
SNR is calculated relative to 25-mW output.
(2)
DNR is calculated relative to output at 1% THD+N.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPA6138A2


同様の部品番号 - TPA6138A2PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
703Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
918Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver With Adjustable Gain
More results

同様の説明 - TPA6138A2PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6138A2 TI1-TPA6138A2_17 Datasheet
918Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver With Adjustable Gain
TPA6138A2 TI-TPA6138A2_15 Datasheet
654Kb / 22P
[Old version datasheet]   TPA6138A2 DirectPath??Headphone Driver With Adjustable Gain
DRV602 TI-DRV602 Datasheet
243Kb / 12P
[Old version datasheet]   DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
DRV601 TI-DRV601 Datasheet
552Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_08 Datasheet
548Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_15 Datasheet
908Kb / 19P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
[Old version datasheet]   DirectPath?? 3-VRMS Line Driver With Adjustable Gain
TPA6138A2 TI1-TPA6138A2_15 Datasheet
703Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com