データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT25C64PA-1.8TE13 データシート(PDF) 9 Page - Catalyst Semiconductor

部品番号 CAT25C64PA-1.8TE13
部品情報  32K/64K-Bit SPI Serial CMOS E2PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C64PA-1.8TE13 データシート(HTML) 9 Page - Catalyst Semiconductor

  CAT25C64PA-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT25C64PA-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C64PA-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C64PA-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C64PA-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C64PA-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C64PA-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C64PA-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C64PA-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
CAT25C32/64
Doc No. 25087 -00 8/99 SPI-1
Advanced Information
Figure 9.
HOLD
HOLD
HOLD
HOLD
HOLD Timing
DESIGN CONSIDERATIONS
CAT25C32/64 goes into a write disable mode.
CS must
be set high after the proper number of clock cycles to
start an internal write cycle. Access to the array during
an internal write cycle is ignored and program-ming
is continued. On power up, SO is in a high impedance.
Figure 8. Page Write Instruction Timing
The CAT25C32/64 powers up in a write disable state
and in a low power standby mode. A WREN instruction
must be issued to perform any writes to the device after
power up. Also,on power up
CS should be brought low
to enter a ready state and receive an instruction. After
a successful byte/page write or status register write the
Notes:
(1) The device used in the above example is a 25C64SI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 6 Volt Operating Voltage,
Tape & Reel)
ORDERING INFORMATION
Note: Dashed Line = mode (1, 1) – – – –
Note: Dashed Line= mode (1, 1) — — — —
SK
SI
SO
0
0
0
0
0
0
1
0
ADDRESS
Data
Byte 1
012345678
21
22
23 24-31
32-39
Data
Byte 2
Data
Byte 3
Data Byte N
CS
OPCODE
7..1
0
24+(N-1)x8-1..24+(N-1)x8 24+Nx8-1
DATA IN
HIGH IMPEDANCE
CS
SCK
HOLD
SO
tCD
tHD
tHD
tCD
tLZ
tHZ
HIGH IMPEDANCE
Package
P = 8-Pin PDIP
S = 8-Pin SOIC
U14= 14-Pin TSSOP
U20 = 20-Pin TSSOP
Prefix
Device #
Suffix
25C64
S
I
TE13
Product
Number
25C32: 32K
25C64: 64K
Tape & Reel
TE13: 2000/Reel
Operating Voltage
Blank = 2.5 to 6.0V
1.8 = 1.8 to 6.0V
-1.8
CAT
Temperature Range
Blank = Commercial (0˚C to +70˚C)
I = Industrial (-40˚C to +85˚C)
A = Automotive (-40˚ to +105˚C)*
* -40˚C to +125˚C is available upon request
Optional
Company ID


同様の部品番号 - CAT25C64PA-1.8TE13

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT25C64PA-1.8TE13 CATALYST-CAT25C64PA-1.8TE13 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
More results

同様の説明 - CAT25C64PA-1.8TE13

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT24WC32 CATALYST-CAT24WC32 Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS E2PROM
CAT24WC33 CATALYST-CAT24WC33 Datasheet
74Kb / 8P
   32K/64K-Bit I2C Serial CMOS E2PROM
CAT25C64 CATALYST-CAT25C64 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
logo
Seiko Instruments Inc
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
logo
Integrated Silicon Solu...
IS25C32A ISSI-IS25C32A_07 Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64_06 Datasheet
413Kb / 16P
   64K-Bit SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com